Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

441-R314C-GRX Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 441-R314C-GRX
Description  Fuse Holder
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

441-R314C-GRX Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  441-R314C-GRX Datasheet HTML 1Page - List of Unclassifed Manufacturers 441-R314C-GRX Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dimensions: mm (in.)
Fuse Holder
441-R314C-GRX
Available from Mouser Electronics
1-800-346-6873
www.mouser.com
EPD-200519
SPECIFICATIONS
Quick Connect .250
10A/250VAC
Black
500VDC/100MΩ
-20°C ~ 85°C
RoHS Compliant by Exemption
Type:
Rating:
Color:
Insulation Resistance:
Operating Temperature:
Date Last Revised: 3-5-07
Specifications are subject to change without notice. No liability or warranty implied by this information. Environmental compliance based on producer documentation.
10.74±.305
(.423±.012)
8.99±.305
(.354±.012)
7.29±.305
(.287±.012)
17.50±.305
(.689±.012)
9.50±.305
(.374±.012)
6.40±.20
(.252±.008)
16.69±.305)
(.657±.012)
13.21±.20
(.52±.008)
1.80±.20
(.071±.008)
2.21±.20
(.087±.008)
11.99±.10
(.472±.004)
20.50±.305
(.807±.012)
59.69±1.02
(2.35±.04)


Similar Part No. - 441-R314C-GRX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
441-R314A-GRX ETC2-441-R314A-GRX Datasheet
99Kb / 2P
Fuse Holder
More results

Similar Description - 441-R314C-GRX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
441-R3-13-GRX ETC1-441-R3-13-GRX Datasheet
97Kb / 2P
Fuse Holder
441-R314A-GRX ETC2-441-R314A-GRX Datasheet
99Kb / 2P
Fuse Holder
441-R324-GR ETC2-441-R324-GR Datasheet
73Kb / 2P
Fuse Holder
441-R344B-GR ETC2-441-R344B-GR Datasheet
82Kb / 2P
Fuse Holder
441-R349A-GR ETC2-441-R349A-GR Datasheet
83Kb / 2P
Fuse Holder
441-R354-GR ETC2-441-R354-GR Datasheet
83Kb / 2P
Fuse Holder
441-R367-GR ETC2-441-R367-GR Datasheet
82Kb / 2P
Fuse Holder
logo
Keystone Electronics Co...
3569 KEYSTONE-3569 Datasheet
179Kb / 1P
FUSE HOLDER
9.22.08
logo
Eaton All Rights Reserv...
BSCR EATON-BSCR Datasheet
262Kb / 1P
Fuse holder
January 2023
HMX EATON-HMX Datasheet
483Kb / 1P
Fuse holder
November 2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com