Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IPC1SAD2 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # IPC1SAD2
Description  Pushbutton switches for harsh environments - bushing 횠 12 mm - momentary
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IPC1SAD2 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  IPC1SAD2 Datasheet HTML 1Page - List of Unclassifed Manufacturers IPC1SAD2 Datasheet HTML 2Page - List of Unclassifed Manufacturers IPC1SAD2 Datasheet HTML 3Page - List of Unclassifed Manufacturers IPC1SAD2 Datasheet HTML 4Page - List of Unclassifed Manufacturers IPC1SAD2 Datasheet HTML 5Page - List of Unclassifed Manufacturers IPC1SAD2 Datasheet HTML 6Page - List of Unclassifed Manufacturers IPC1SAD2 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
APEM
www.apem.com
B1-19
B1
IP series
Pushbutton switches for harsh environments - bushing Ø 12 mm - momentary
Round - illuminated
MODEL
STRUCTURE
• High brightness illumination
• Five LED colours
• Tin plated LED terminals
Solder lug terminals
Ø12.00x0.75SI
Ø17.50
(.688DIA)
Ø12.00
(.472DIA)
(.047)
(.015)
(.200)
(.078)
2.00
5.08
EPOXY
0.40
(.472DIAx0.75IS)
1.20
© Flat
IPR3SAD
Normally Open
Sealed flying lead terminals
Ø12.00x0.75SI
Ø12.00
(.472DIA)
(.688DIA)
Ø17.50
(.472DIAx0.75IS)
© Flat
IPR3FAD
Normally Open
Wire colours : black : NO contact, red : LED anode(+), blue : LED cathode(-)
Cathode
(-)
LED
ACTUATOR COLOURS
LED COLOURS
L0S
: super red - L0Y : yellow - L0G : green - L0B : blue
L0W
: white
APPROVAL
UL
Consult factory for details of approved models. To order
switches marked UL, complete above box with ”UL”.
Also available with straight PC terminals : IPR3PAD
LED colour is indicated by the bottom of the switch.
Cathode
(-)
LED
Shown with standard flying lead terminals.
1
: blue - B : dark blue - 2 : black - 3 : green - 4 : grey
5
: yellow - 6 : red - 7/1 : white - 8 : bright chrome
9
: orange - A : satin chrome
OPTIONS
100
: Satin chrome bezel
101
: Bright chrome bezel
For THIN flying leads, replace F with W.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com