Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IPR1FAD2L0G Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # IPR1FAD2L0G
Description  Pushbutton switches for harsh environments - bushing 횠 12 mm - momentary
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IPR1FAD2L0G Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  IPR1FAD2L0G Datasheet HTML 1Page - List of Unclassifed Manufacturers IPR1FAD2L0G Datasheet HTML 2Page - List of Unclassifed Manufacturers IPR1FAD2L0G Datasheet HTML 3Page - List of Unclassifed Manufacturers IPR1FAD2L0G Datasheet HTML 4Page - List of Unclassifed Manufacturers IPR1FAD2L0G Datasheet HTML 5Page - List of Unclassifed Manufacturers IPR1FAD2L0G Datasheet HTML 6Page - List of Unclassifed Manufacturers IPR1FAD2L0G Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
B1-16
APEM
www.apem.com
B1
IP series
Pushbutton switches for harsh environments - bushing Ø 12 mm - momentary
Overview
IP
SERIES
Actuator shapes
C
Square
R
Round, curved
P
Round, flat
Terminals
S
Solder lugs
F
Flying leads, standard
W
Flying leads, thin NEW!
P
Straight PC
Z1
Quick-connect
(non-ill., NO only )
Electrical functions
3
Normally open
(NO)
5
NC/NO combined
(non-illuminated)
Actuator colours
1
Blue
B
Dark blue
2
Black
3
Green
4
Grey
5
Yellow
6
Red
7/1
White
8
Bright chrome
9
Orange
A
Satin chrome
Contacts
AD
Silver, gold
plated (standard)
CD
Brass, gold
plated (option 104)
LED colours
Blank
Non-illum.
L0S
Super red
L0Y
Yellow
L0G
Green
L0B
Blue
L0W
White
ABOUT THIS SERIES
On the following pages, you will find successively :
model structure of switches and options in the same order as in above chart
Dimensions :
first dimensions are in mm while inches are shown as bracketed numbers.
A sealing boot
is available to protect the switches against frost and sand. It is presented after the IA series and in section H.
Mounting accessories
: Standard hardware supplied : 1 hex nut 14 mm (.551) across flats and 1 O-ring.
Hex nut part number U166.
Packaging unit
: 25 pieces
NOTICE
: please note that not all combinations of above numbers are available.
Refer to the following pages for further information.
Options
100
Satin chrome
bezel
101
Bright chrome
bezel
104
High actuator
(non-illum. round
models only)
Option 104
If combined with electrical function 5 (NC/NO), this
option should be ordered with CD contacts (brass, gold
plated). Current/voltage rating : 100mA 30VDC
Approval
UL
Consult factory for
detail of approved
models.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com