Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MTP4411M3 Datasheet(PDF) 2 Page - Cystech Electonics Corp.

Part # MTP4411M3
Description  -30V P-CHANNEL Enhancement Mode MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTP4411M3 Datasheet(HTML) 2 Page - Cystech Electonics Corp.

  MTP4411M3 Datasheet HTML 1Page - Cystech Electonics Corp. MTP4411M3 Datasheet HTML 2Page - Cystech Electonics Corp. MTP4411M3 Datasheet HTML 3Page - Cystech Electonics Corp. MTP4411M3 Datasheet HTML 4Page - Cystech Electonics Corp. MTP4411M3 Datasheet HTML 5Page - Cystech Electonics Corp. MTP4411M3 Datasheet HTML 6Page - Cystech Electonics Corp. MTP4411M3 Datasheet HTML 7Page - Cystech Electonics Corp. MTP4411M3 Datasheet HTML 8Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
CYStech Electronics Corp.
Spec. No. : C400M3
Issued Date : 2011.10.06
Revised Date : 2013.08.07
Page No. : 2/8
MTP4411M3
CYStek Product Specification
Thermal Data
Parameter
Symbol
Value
Unit
Thermal Resistance, Junction-to-case, max
Rth,j-c
17
°C/W
Thermal Resistance, Junction-to-ambient, max
Rth,j-a
83.3 (Note)
°C/W
Note : When mounted on a 1 in
2 pad of 2 oz. copper; 250 °C/W when mounted on min. copper pad
Electrical Characteristics (Tj=25
°C, unless otherwise noted)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Static
BVDSS
-30
-
-
V
VGS=0, ID=-250μA
VGS(th)
-1
-1.4
-2.5
V
VDS=VGS, ID=-250μA
GFS
-
5
-
S
VDS=-10V, ID=-4A
IGSS
-
-
±
100
nA
VGS=±20V, VDS=0
-
-
-1
μA
VDS=-24V, VGS=0
IDSS
-
-
-10
μA
VDS=-20V, VGS=0 (Tj=125°C)
-
40
45
ID=-4A, VGS=-10V
*RDS(ON)
-
58
75
m
Ω
ID=-3A, VGS=-4.5V
Dynamic
Ciss
-
796
-
Coss
-
88
-
Crss
-
71
-
pF
VDS=-15V, VGS=0, f=1MHz
*td(ON)
-
6
-
*tr
-
10
-
*td(OFF)
-
18
-
*tf
-
5
-
ns
VDS=-15V, ID=-1A, VGS=-10V, RG=6Ω
*Qg
-
11
-
*Qgs
-
2
-
*Qgd
-
3
-
nC
VDS=-15V, ID=-4A, VGS=-10V
Source-Drain Diode
*IS
-
-
-2.3
*ISM
-
-
-9.2
A
*VSD
-
-0.76
-1.2
V
VGS=0V, IS=-1A
*Pulse Test : Pulse Width
≤300μs, Duty Cycle≤2%
Ordering Information
Device
Package
Shipping
Marking
MTP4411M3
SOT-89
(Pb-free lead plating package)
1000 pcs / Tape & Reel
4411



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com