Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MTS2072G6 Datasheet(PDF) 9 Page - Cystech Electonics Corp.

Part # MTS2072G6
Description  MTS2072G6 CYStek Product Specification
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTS2072G6 Datasheet(HTML) 9 Page - Cystech Electonics Corp.

Back Button MTS2072G6 Datasheet HTML 5Page - Cystech Electonics Corp. MTS2072G6 Datasheet HTML 6Page - Cystech Electonics Corp. MTS2072G6 Datasheet HTML 7Page - Cystech Electonics Corp. MTS2072G6 Datasheet HTML 8Page - Cystech Electonics Corp. MTS2072G6 Datasheet HTML 9Page - Cystech Electonics Corp. MTS2072G6 Datasheet HTML 10Page - Cystech Electonics Corp. MTS2072G6 Datasheet HTML 11Page - Cystech Electonics Corp. MTS2072G6 Datasheet HTML 12Page - Cystech Electonics Corp. MTS2072G6 Datasheet HTML 13Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
CYStech Electronics Corp.
Spec. No. : C879G6
Issued Date : 2012.10.09
Revised Date :
Page No. : 9/13
MTS2072G6
CYStek Product Specification
N-channel Typical Characteristics, Tr 2(Cont.)
Maximum Safe Operating Area
0.01
0.1
1
10
100
0.01
0.1
1
10
100
VDS, Drain-Source Voltage(V)
DC
10ms
100m
1ms
100μs
TA=25°C, Tj=150°C
VGS=10V, RθJA=110°C/W
Single Pulse
Transient Thermal Response Curves
0.01
0.1
1
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
t1, Square Wave Pulse Duration(s)
Single Pulse
0.01
0.02
0.05
0.1
0.2
D=0.5
1.RθJA(t)=r(t)*RθJA
2.Duty Factor, D=t1/t2
3.TJM-TA=PDM*RθJA(t)
4.RθJA=180°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com