Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2SC4958 Datasheet(PDF) 5 Page - NEC

Part # 2SC4958
Description  HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC4958 Datasheet(HTML) 5 Page - NEC

  2SC4958 Datasheet HTML 1Page - NEC 2SC4958 Datasheet HTML 2Page - NEC 2SC4958 Datasheet HTML 3Page - NEC 2SC4958 Datasheet HTML 4Page - NEC 2SC4958 Datasheet HTML 5Page - NEC 2SC4958 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
2SC4958
5
S–PARAMETER
(VCE = 3 V, IC = 5 mA, ZO = 50
Ω)
fS11
S21
S12
S22
(GHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
0.200
0.7750
–19.9
10.2330
153.0
0.0290
78.0
0.9310
–14.1
0.400
0.6530
–32.4
8.4080
133.2
0.0560
66.1
0.8150
–23.3
0.600
0.5270
–39.8
6.7610
119.0
0.0730
70.0
0.7170
–27.3
0.800
0.4470
–45.7
5.5980
108.5
0.0880
67.6
0.6390
–30.3
1.000
0.3590
–49.6
4.6700
100.0
0.1110
66.9
0.5950
–31.2
1.200
0.3140
–50.3
4.1180
92.7
0.1230
67.5
0.5650
–32.4
1.400
0.2790
–48.1
3.6300
87.1
0.1400
66.8
0.5450
–34.4
1.600
0.2460
–46.9
3.2460
82.1
0.1540
64.1
0.5190
–35.9
1.800
0.2190
–46.8
2.8850
78.1
0.1780
62.0
0.5210
–37.0
2.000
0.1780
–43.6
2.7470
73.7
0.1940
62.9
0.5000
–38.9
2.200
0.1650
–44.7
2.5810
68.8
0.2010
62.0
0.4780
–43.1
2.400
0.1490
–37.6
2.3820
64.8
0.2240
60.1
0.4550
–43.1
2.600
0.1370
–50.0
2.2440
61.4
0.2410
60.9
0.4710
–43.9
2.800
0.1320
–47.6
2.1380
59.0
0.2530
57.7
0.4490
–47.9
3.000
0.1030
–33.7
2.0440
55.3
0.2650
55.3
0.4380
–47.0



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com