Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

D2RV-G Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # D2RV-G
Description  High Reliability for Micro Load Applications, Even in Adverse Atmospheres (Dust, High Humidity, Silicon Gas, etc.)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D2RV-G Datasheet(HTML) 3 Page - Omron Electronics LLC

  D2RV-G Datasheet HTML 1Page - Omron Electronics LLC D2RV-G Datasheet HTML 2Page - Omron Electronics LLC D2RV-G Datasheet HTML 3Page - Omron Electronics LLC D2RV-G Datasheet HTML 4Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
D2RV
Miniature Basic Switch
D
2
R
V
Note 1. Unless otherwise specified, a tolerance of ±0.4 mm applies to all dimensions.
Note 2. The operating characteristics are for operation in the A direction (
).
Precautions
★Please refer to "Basic Switches Common Precautions" for correct use.
●Handling
Do not drop the Switch or apply strong shock. It may result in
internal mechanism damages and may deteriorate the
characteristics of the inner Reed Switch.
●Effect of the External Vibration
When a vibration of 1 kHz or higher is applied, note that false
switching operations may occur due to resonant frequency, even
with a low acceleration.
●Soldering
• Terminal connections
Complete the soldering at the iron tip temperature between
250 to 350°C (60W) within 5 seconds, and do not apply any
external force for 1 minute after soldering.
Apply minimum amount of flux required. It may result in
contact failure once the flux penetrates into the internal part of
the Switch.
●Effect of the External Magnetic Fields
• If two or more switch units are closely installed, mutual
interference due to the fringing field will occur, resulting in
malfunction. Be sure to keep the gap between the switch units
8 mm or more.
• If you install the switch unit on the iron plate, each operating
characteristic will change. Therefore, confirm that the interval
between the switch units should be 2 mm or more.
• Do not use the switch in some area where a strong external
magnetic field would be applied, otherwise malfunction will be
caused.
• Use nonmagnetic brass or stainless steel (SUS304 alloy)
screws for installation. Do not use any iron screw.
PT
OP
5.4 15.9
(10)
2.8
1
27.8
3.1+0.13
−0.03
3.1+0.13 dia. holes
−0.03
22.2±0.1
3.4±0.15 dia.
10.3±0.1
10.3
2.8
8.1
5.15
4.8 dia.
×4.8 *2
A
t=0.5 *1
20.1
*1. Stainless-steel lever
*2. Polyacetal resin roller
●Short Hinge Roller Lever Models
D2RV-L22
D2RV-L22G
Model
Operating
characteristics
D2RV-L22
D2RV-L22G
Operating Force
OF Max.
0.49 N
{50 gf}
0.98 N
{100 gf}
Pretravel
PT Max.
Overtravel
OT Min.
Movement Differential MD Max.
1.8 mm
0.4 mm
1.0 mm
Operating Position
OP
20.4
±0.6 mm
PT
OP
5.4 15.9
(10)
2.8
1
27.8
3.1+0.13
−0.03
3.1+0.13 dia. holes
−0.03
22.2±0.1
3.4±0.15 dia.
10.3±0.1
2.8
10.3
4.8 dia.
×4.8 *2
*1. Stainless-steel lever
*2. Polyacetal resin roller
8.1
34±0.8
A
t=0.5 *1
5.15
●Hinge Roller Lever Models
D2RV-L2
D2RV-L2G
Model
Operating
characteristics
D2RV-L2
D2RV-L2G
Operating Force
OF Max.
0.25 N
{25 gf}
0.49 N
{50 gf}
Pretravel
PT Max.
Overtravel
OT Min.
Movement Differential MD Max.
4.0 mm
1.0 mm
1.6 mm
Operating Position
OP
19.9
±1.2 mm
Cautions
Correct Use



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com