Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2SC5006 Datasheet(PDF) 3 Page - NEC

Part # 2SC5006
Description  NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5006 Datasheet(HTML) 3 Page - NEC

  2SC5006 Datasheet HTML 1Page - NEC 2SC5006 Datasheet HTML 2Page - NEC 2SC5006 Datasheet HTML 3Page - NEC 2SC5006 Datasheet HTML 4Page - NEC 2SC5006 Datasheet HTML 5Page - NEC 2SC5006 Datasheet HTML 6Page - NEC 2SC5006 Datasheet HTML 7Page - NEC 2SC5006 Datasheet HTML 8Page - NEC 2SC5006 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
2SC5006
3
TYPICAL CHARACTERISTICS (TA = 25 ˚C)
20
0
10
1.0
0.5
TOTAL POWER DISSIPATION vs.
AMBIENT TEMPERATURE
150
0
50
TA – Ambient Temperature – ˚C
150
100
50
100
200
0.5
10
50
5
25
0
510
20
15
10
5
VCE = 3 V
IB = 160 A
µ
140 A
µ
120 A
µ
100 A
µ
80 A
µ
60 A
µ
40 A
µ
20 A
µ
20
10
2
1
100
20
50
VCE = 3 V
14
0.5
0
50
5
10
0
0.5
100
8
6
4
2
20
10
2
1
6
2
4
VCE = 3 V
f = 1 GHZ
50
20
10
5
12
100
8
10
12
VCE = 3 V
f = 1 GHZ
COLLECTOR CURRENT vs.
BASE TO EMITTER VOLTAGE
COLLECTOR CURRENT vs.
COLLECTOR TO EMITTER VOLTAGE
DC CURRENT GAIN vs.
COLLECTOR CURRENT
GAIN BANDWIDTH PRODUCT vs.
COLLECTOR CURRENT
INSERTION POWER GAIN vs.
COLLECTOR CURRENT
VBE – Base to Emitter Voltage – V
IC – Collector Current – mA
IC – Collector Current – mA
VCE – Collector to Emitter Voltage – V
Free Air
IC – Collector Current – mA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com