Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UM4601 Datasheet(PDF) 6 Page - Union Semiconductor, Inc.

Part # UM4601
Description  Multi-line ESD/EMI Protection for Color LCD Interfaces
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM4601 Datasheet(HTML) 6 Page - Union Semiconductor, Inc.

Back Button UM4601 Datasheet HTML 2Page - Union Semiconductor, Inc. UM4601 Datasheet HTML 3Page - Union Semiconductor, Inc. UM4601 Datasheet HTML 4Page - Union Semiconductor, Inc. UM4601 Datasheet HTML 5Page - Union Semiconductor, Inc. UM4601 Datasheet HTML 6Page - Union Semiconductor, Inc. UM4601 Datasheet HTML 7Page - Union Semiconductor, Inc. UM4601 Datasheet HTML 8Page - Union Semiconductor, Inc. UM4601 Datasheet HTML 9Page - Union Semiconductor, Inc. UM4601 Datasheet HTML 10Page - Union Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
________________________________________________________________________
http://www.union-ic.com
Rev.04 Jul.2012
6/11
UM4601/4611/8601/8611
Ground Connection Recommendation
Parasitic inductance (L) present in the board layout will affect the filtering performance of the
device. As frequency (f) increases, the effect of the inductance becomes more dominant. This
effect is given by Equation 1.
Pin
Identification
1 - 4
Input Lines
5 - 8
Output Lines
Center Tab
Ground
Pin Identification & Configuration
UM4601/UM4611
Equation 1: The Impedance of an Inductor at
Frequency XLF
XLF(L,f ) = 2×л×f ×L
Where:
L= Inductance (H)
f = Frequency (Hz)
Pin
Identification
1 - 8
Input Lines
9 - 16
Output Lines
Center Tab
Ground
Pin Identification & Configuration
UM8601/UM8611
Equation 1: The Impedance of an Inductor at
Frequency XLF
XLF(L, f ) = 2×л×f ×L
Where:
L= parasitic inductance in the PCB (H)
f = Frequency (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com