Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2SC5011 Datasheet(PDF) 5 Page - NEC

Part # 2SC5011
Description  HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS SUPER MINI MOLD
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5011 Datasheet(HTML) 5 Page - NEC

  2SC5011 Datasheet HTML 1Page - NEC 2SC5011 Datasheet HTML 2Page - NEC 2SC5011 Datasheet HTML 3Page - NEC 2SC5011 Datasheet HTML 4Page - NEC 2SC5011 Datasheet HTML 5Page - NEC 2SC5011 Datasheet HTML 6Page - NEC 2SC5011 Datasheet HTML 7Page - NEC 2SC5011 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
2SC5011
5
S-PARAMETER
VCE = 10 V, IC = 20 mA
FREQUENCY
S11
S21
S12
S22
f (MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
.583
–80.5
32.334
134.6
.022
59.7
.739
–33.6
200.00
.514
–120.6
20.817
113.4
.029
54.9
.513
–41.4
300.00
.498
–141.9
14.898
102.6
.034
52.0
.404
–44.1
400.00
.495
–155.0
11.390
95.6
.037
50.1
.342
–41.9
500.00
.494
–165.0
9.247
90.2
.044
57.2
.300
–41.9
600.00
.499
–171.1
7.798
86.0
.049
58.4
.276
–41.0
700.00
.502
–177.1
6.768
82.2
.055
59.2
.266
–41.5
800.00
.503
178.7
5.913
78.5
.064
60.6
.248
–43.9
900.00
.512
174.3
5.293
75.6
.066
61.2
.232
–43.1
1000.00
.512
169.8
4.789
72.2
.070
62.1
.232
–43.3
1100.00
.516
166.1
4.345
69.5
.079
62.6
.226
–45.1
1200.00
.524
163.8
3.959
67.0
.087
61.3
.217
–47.2
1300.00
.530
160.1
3.669
64.4
.093
61.4
.208
–50.1
1400.00
.531
158.0
3.443
61.7
.099
60.7
.207
–49.9
1500.00
.535
154.5
3.203
58.9
.104
59.0
.196
–54.6
1600.00
.541
152.2
2.999
56.3
.115
58.6
.198
–55.2
1700.00
.567
149.5
2.838
53.7
.116
59.6
.186
–59.7
1800.00
.555
147.2
2.676
51.9
.125
58.2
.190
–59.4
1900.00
.556
145.3
2.556
49.5
.128
57.4
.186
–65.0
2000.00
.574
143.4
2.434
46.9
.138
57.0
.186
–68.7
2100.00
.570
141.1
2.314
45.1
.140
58.3
.169
–72.8
2200.00
.583
140.1
2.205
42.5
.152
56.4
.181
–73.9
2300.00
.579
137.3
2.124
40.8
.156
56.2
.192
–79.3
2400.00
.585
135.6
2.054
39.3
.157
54.8
.167
–77.1
2500.00
.602
133.0
1.981
36.3
.166
54.4
.180
–86.1
2600.00
.605
131.6
1.918
34.3
.180
52.8
.179
–84.9
2700.00
.607
129.7
1.840
32.2
.179
52.7
.187
–91.7
2800.00
.600
127.8
1.772
29.2
.192
50.9
.193
–94.1
2900.00
.612
126.4
1.704
28.0
.192
50.8
.190
–95.2
3000.00
.594
123.8
1.646
25.3
.200
47.3
.190
–101.8
VCE = 3 V, IC = 5 mA
FREQUENCY
S11
S21
S12
S22
f (MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
.794
–49.6
14.255
150.2
.036
65.6
.887
–22.7
200.00
.727
–87.2
11.175
128.8
.058
50.9
.717
–37.2
300.00
.675
–112.2
8.779
114.7
.071
40.4
.584
–45.5
400.00
.653
–129.6
7.002
105.0
.079
37.4
.492
–49.4
500.00
.636
–143.4
5.814
97.3
.081
35.2
.424
–51.2
600.00
.638
–152.4
4.980
91.3
.083
32.0
.380
–53.7
700.00
.631
–161.0
4.359
86.0
.084
35.6
.351
–53.9
800.00
.630
–168.1
3.827
81.2
.087
34.8
.327
–57.4
900.00
.635
–173.7
3.442
77.5
.093
32.2
.306
–58.6
1000.00
.631
–179.6
3.123
73.0
.095
34.4
.295
–60.4
1100.00
.635
176.2
2.834
69.6
.098
35.4
.283
–63.0
1200.00
.636
172.6
2.594
66.6
.099
37.7
.276
–65.0
1300.00
.636
168.3
2.408
63.2
.104
40.1
.260
–68.6
1400.00
.641
165.3
2.255
60.1
.103
38.9
.267
–69.5
1500.00
.643
161.7
2.106
56.9
.115
41.4
.252
–73.5
1600.00
.653
158.4
1.977
53.9
.113
39.7
.249
–76.5
1700.00
.663
155.0
1.869
50.8
.120
42.3
.241
–81.7
1800.00
.660
152.3
1.761
48.3
.123
41.9
.253
–84.4
1900.00
.663
149.8
1.690
45.9
.127
42.0
.248
–86.9
2000.00
.679
147.4
1.602
43.0
.126
46.3
.255
–91.9
2100.00
.678
144.2
1.533
39.9
.136
46.6
.259
–95.1
2200.00
.686
142.4
1.447
37.0
.145
45.1
.253
–99.5
2300.00
.682
139.5
1.399
34.8
.148
46.9
.259
–101.3
2400.00
.689
137.1
1.355
32.8
.159
44.8
.264
–105.6
2500.00
.703
135.7
1.297
29.9
.170
46.1
.267
–110.6
2600.00
.713
132.9
1.263
28.0
.171
46.2
.263
–111.3
2700.00
.698
131.3
1.223
26.5
.177
44.5
.265
–115.1
2800.00
.708
129.1
1.174
22.8
.181
45.4
.297
–119.2
2900.00
.713
127.5
1.145
21.1
.183
44.9
.290
–121.6
3000.00
.715
125.5
1.082
19.5
.199
43.5
.304
–126.5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com