Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LET9045C Datasheet(PDF) 6 Page - STMicroelectronics

Part # LET9045C
Description  RF power transistor from the LdmoST family of n-channel enhancement-mode lateral MOSFETs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LET9045C Datasheet(HTML) 6 Page - STMicroelectronics

Back Button LET9045C Datasheet HTML 2Page - STMicroelectronics LET9045C Datasheet HTML 3Page - STMicroelectronics LET9045C Datasheet HTML 4Page - STMicroelectronics LET9045C Datasheet HTML 5Page - STMicroelectronics LET9045C Datasheet HTML 6Page - STMicroelectronics LET9045C Datasheet HTML 7Page - STMicroelectronics LET9045C Datasheet HTML 8Page - STMicroelectronics LET9045C Datasheet HTML 9Page - STMicroelectronics LET9045C Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Test circuit
LET9045C
6/10
Doc ID 15443 Rev 4
5
Test circuit
Figure 5.
Test circuit
Table 8.
LET9045C components list
Item
Qty
Part number
Vendor
Description
R1, R2
2
CR1206-8W-112JB
VENKEL
1.1 k
Ω 1/8W surface mount chip resistor
R3
1
CR1206-8W-100JB
VENKEL
10
Ω 1/8W surface mount chip resistor
Coil
2
BELDEN
Inductor 5 turns
air WOUND#20AWG ID =0.130 in (3.3 mm) bylon
coated
B1,B2,B
3,B4,B5
5
2743021447
FAIR-RITE
CORP
Surface mount EMI sheild bead
C1,C7,
C8
3
T491D106K035AT
Kemet
10 µF 35 V tantalum capacitors
C2
1
100 µF 63 V electrolytic capacitor
C3, C4,
C10,
C15
4
ATC100B470XXXX
ATC
47 pF chip capacitor
C5, C6
2
ATC200B393MW
ATC
39000 pF chip capacitor
C9
1
330 uF 50 V electrolytic capacitor
C11,
C13,
C14
3
27291PC
Johanson
0.8-8 pF giga trim variable capacitor
C12
1
ATC100B110XXXX
ATC
11 pF chip capacitor
TL1
L = 1.350in [34.29 mm] W = 0.082in [02.08 mm]
TL2
L = 0.144in [3.65 mm] W = 0.082in [02.08 mm]
TL3
L = 0.311in [7.91 mm] W = 0.082in [02.08 mm]
TL4
L = 00.82in [2.09 mm] W = 0.323in [08.21 mm]
TL5
L = 0.194 in [4.94 mm] W = 0.323in [08.21 mm]



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com