Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L9338 Datasheet(PDF) 7 Page - STMicroelectronics

Part # L9338
Description  Quad low side driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9338 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L9338 Datasheet HTML 3Page - STMicroelectronics L9338 Datasheet HTML 4Page - STMicroelectronics L9338 Datasheet HTML 5Page - STMicroelectronics L9338 Datasheet HTML 6Page - STMicroelectronics L9338 Datasheet HTML 7Page - STMicroelectronics L9338 Datasheet HTML 8Page - STMicroelectronics L9338 Datasheet HTML 9Page - STMicroelectronics L9338 Datasheet HTML 10Page - STMicroelectronics L9338 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
L9338
Electrical specifications
Doc ID 1766 Rev 5
7/14
3
Electrical specifications
3.1
Absolute maximum ratings
3.2
Thermal data
3.3
Operating condition
The electrical characteristics are valid within the below defined operating ranges, unless
otherwise specified. The function will be guaranteed by design until TjMON switch-OFF-level.
Table 3.
Absolute maximum ratings (no damage or latch)
Symbol
Parameter
Value
Unit
VS
Supply voltage
-24 to 45
V
Pin voltages
VIN
Input, enable, program
-24 to 45
V
VOUT
Output
-0.3 to 45
V
VDIAG
Diagnostic output
-0.3 to 45
V
Table 4.
Thermal data
Symbol
Parameter
Value
Unit
Rth (j-pins)
Thermal resistance junction-to-pin
14 (Typ.)
C/W
TjMon
Temperature-monitoring
Switch-off-level
Switch-on-level
160 to 190
140 to 170
C
C
Table 5.
Operating condition
Symbol
Parameter
Value
Unit
VS
Supply voltage
4.5 to 32
V
VIN
Input pin voltage
-24 to 45
V
VEN
Enable pin voltage
-24 to 45
V
VOUT, VD Output pin voltage
-0.3 to 45
V
Tj
Junction temperature
-40 to 150
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com