Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SA40C Datasheet(PDF) 41 Page - Socay Electornics Co., Ltd.

Part # SA40C
Description  Surface Mount Transient Voltage Suppressors (TVS)
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

SA40C Datasheet(HTML) 41 Page - Socay Electornics Co., Ltd.

Back Button SA40C Datasheet HTML 37Page - Socay Electornics Co., Ltd. SA40C Datasheet HTML 38Page - Socay Electornics Co., Ltd. SA40C Datasheet HTML 39Page - Socay Electornics Co., Ltd. SA40C Datasheet HTML 40Page - Socay Electornics Co., Ltd. SA40C Datasheet HTML 41Page - Socay Electornics Co., Ltd. SA40C Datasheet HTML 42Page - Socay Electornics Co., Ltd. SA40C Datasheet HTML 43Page - Socay Electornics Co., Ltd. SA40C Datasheet HTML 44Page - Socay Electornics Co., Ltd. SA40C Datasheet HTML 45Page - Socay Electornics Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 56 page
background image
www.socay.com
41
Axial Lead Transient Voltage Suppressors (TVS)
3KP Series
5.0 To 190 V
3000W
Part Number
Breakdown
Voltage VBR
(V)
@IT
Uni
Bi
Reverse
Stand-Off
Voltage
VRWM(V)
MIN
MAX
Test
Current
IT
(mA)
Maximum
Clamping
Voltage
VC
@IPP (V)
Maximum
Peak
Pulse
Current
IPP (A)
Maximum
Reverse
Leakage IR
@VRWM
(
μA)
3KP45
3KP45C
45.0
50.00
61.10
5
80.3
37.36
5
3KP45A
3KP45CA
45.0
50.00
55.30
5
72.7
41.27
5
3KP48
3KP48C
48.0
53.30
65.10
5
85.5
35.09
5
3KP48A
3KP48CA
48.0
53.30
58.90
5
77.4
38.76
5
3KP51
3KP51C
51.0
56.70
69.30
5
91.1
32.93
5
3KP51A
3KP51CA
51.0
56.70
62.70
5
82.4
36.41
5
3KP54
3KP54C
54.0
60.00
73.30
5
96.3
31.15
5
3KP54A
3KP54CA
54.0
60.00
66.30
5
87.1
34.44
5
3KP58
3KP58C
58.0
64.40
78.70
5
103.0
29.13
5
3KP58A
3KP58CA
58.0
64.40
71.20
5
93.6
32.05
5
3KP60
3KP60C
60.0
66.70
81.50
5
107.0
28.04
5
3KP60A
3KP60CA
60.0
66.70
73.70
5
96.8
30.99
5
3KP64
3KP64C
64.0
71.10
86.90
5
114.0
26.32
5
3KP64A
3KP64CA
64.0
71.10
78.60
5
103.0
29.13
5
3KP70
3KP70C
70.0
77.80
95.10
5
125.0
24.00
5
3KP70A
3KP70CA
70.0
77.80
86.00
5
113.0
26.55
5
3KP75
3KP75C
75.0
83.30
102.00
5
134.0
22.39
5
3KP75A
3KP75CA
75.0
83.30
92.10
5
121.0
24.79
5
3KP78
3KP78C
78.0
86.70
106.00
5
139.0
21.58
5
3KP78A
3KP78CA
78.0
86.70
95.80
5
126.0
23.81
5
3KP80
3KP80C
80.0
88.96
108.80
5
143.2
20.95
5
3KP80A
3KP80CA
80.0
88.80
97.60
5
129.6
23.15
5
3KP85
3KP85C
85.0
94.40
115.00
5
151.0
19.87
5
3KP85A
3KP85CA
85.0
94.40
104.00
5
137.0
21.90
5
3KP90
3KP90C
90.0
100.00
122.00
5
160.0
18.75
5
3KP90A
3KP90CA
90.0
100.00
111.00
5
146.0
20.55
5
3KP100
3KP100C
100.0
111.00
136.00
5
179.0
16.76
5
3KP100A
3KP100CA
100.0
111.00
123.00
5
162.0
18.52
5
3KP110
3KP110C
110.0
122.00
149.00
5
196.0
15.31
5
3KP110A
3KP110CA
110.0
122.00
135.00
5
177.0
16.95
5
3KP120
3KP120C
120.0
133.00
163.00
5
214.0
14.02
5
3KP120A
3KP120CA
120.0
133.00
147.00
5
193.0
15.54
5
3KP130
3KP130C
130.0
144.00
176.00
5
231.0
12.99
5
3KP130A
3KP130CA
130.0
144.00
159.00
5
209.0
14.35
5
3KP140
3KP140C
140.0
155.68
190.40
5
250.6
11.97
5
3KP140A
3KP140CA
140.0
155.00
171.00
5
226.8
13.23
5
3KP150
3KP150C
150.0
167.00
204.00
5
268.0
11.19
5
3KP150A
3KP150CA
150.0
167.00
185.00
5
243.0
12.35
5
3KP160
3KP160C
160.0
178.00
218.00
5
287.0
10.45
5
3KP160A
3KP160CA
160.0
178.00
197.00
5
259.0
11.58
5
3KP170
3KP170C
170.0
189.00
231.00
5
304.0
9.87
5
3KP170A
3KP170CA
170.0
189.00
209.00
5
275.0
10.91
5
3KP180
3KP180C
180.0
201.00
244.80
5
322.2
9.31
5
3KP180A
3KP180CA
180.0
201.00
220.00
5
291.6
10.29
5
3KP190
3KP190C
190.0
211.21
258.40
5
340.1
8.82
5
3KP190A
3KP190CA
190.0
211.00
232.00
5
307.8
9.75
5
Note:
1. Suffix 'A ' denotes 5% tolerance device. Without 'A' denotes 10% tolerance device
2. Add suffix 'C 'or ' CA ' after part number to specify Bi-directional devices
3. For Bi-Directional devices having VR of 10 volts and under, the IR limit is double
Electrical Characteristics (TA=25℃ unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com