Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BC727 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # BC727
Description  PNP Silicon General Purpose Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

BC727 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  BC727 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH BC727 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
BC727
-3A, -40V
PNP Silicon General Purpose Transistor
26-Mar-2014 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
7 2 7
= Date Code
RoHS Compliant Product
A suffix of “-C” specifies halogen and lead free
FEATURES
High current output up to -3A
Low saturation voltage
MARKING
PACKAGE INFORMATION
Package
MPQ
Leader Size
SOT-26
3K
7’ inch
ABSOLUTE MAXIMUM RATINGS (TA=25°C unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Collector to Base Voltage
VCBO
-40
V
Collector to Emitter Voltage
VCEO
-30
V
Emitter to Base Voltage
VEBO
-5
V
Collector Currrent
IC
-3
A
Total Power Dissipation @
TC=25°C
3
PD
1.2
W
Thermal Resistance Junction-ambient Max
1
RθJC
105
°C/W
Junction & Storage Temperature
TJ, TSTG
150, -55 ~ 150
°C
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Collector-base breakdown voltage
V(BR)CBO
-40
-
-
V
IC= -100µA, IE=0
Collector-emitter breakdown voltage
V(BR)CEO
-30
-
-
V
IC= -1mA, IB=0
Emitter-base breakdown voltage
V(BR)EBO
-5
-
-
V
IE= -10µA, IC=0
Collector cut-off current
ICBO
-
-
-0.1
µA
VCB= -30V, IE=0
Emitter cut-off current
IEBO
-
-
-0.1
µA
VEB= -5V, IC=0
-
-0.15
-0.25
IC= -0.5A, IB= -5mA
-
-0.85
-1
IC= -2A, IB= -20mA
Collector-emitter saturation voltage
2
VCE(sat)
-
-0.25
-0.5
V
IC= -2A, IB= -200mA
-
-0.8
-1.1
IC= -0.5A, IB= -5mA
Base-emitter saturation voltage
2
VBE(sat)
-
-1
-1.5
V
IC= -2A, IB= -200mA
30
-
-
VCE= -2V, IC= -20mA
DC current gain
2
hFE
160
-
320
VCE= -2V, IC= -1A
Transition frequency
fT
-
80
-
MHz
VCE= -5V, IC= -100mA,
f=100MHz
Collector output capacitance
Cob
-
55
-
pF
VCB= -10V, f=1MHz
NOTE:
1. surface mounted on a 1 inch2 FR-4 board with 2OZ copper. , 167℃/W when mounted on Min. copper pad.
2. The data tested by pulsed , pulse width≦300us , duty cycle ≦2%
3. The power dissipation is limited by 150 ℃junction temperature
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
2.70
3.10
G
0.37 REF.
B
2.60
3.00
H
0.30
0.55
C
1.20 REF.
J
-
-
D
1.40
1.80
K
0.12 REF.
E
0.95 REF.
L
-
0.10
F
0.60 REF.
SOT-26
A
H
E
F
L
G
J
K
C
D
B


Similar Part No. - BC727

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
BC727 MICRO-ELECTRONICS-BC727 Datasheet
132Kb / 2P
PNP SILICON AF MEDIUM POWER TRANSISTORS
logo
SeCoS Halbleitertechnol...
BC727 SECOS-BC727_15 Datasheet
250Kb / 2P
PNP Silicon General Purpose Transistor
More results

Similar Description - BC727

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBT2907AWT1 ONSEMI-MMBT2907AWT1 Datasheet
76Kb / 4P
General Purpose Transistor(PNP Silicon)
April, 2004 ??Rev. 3
logo
Zowie Technology Corpor...
MMBT2907A ZOWIE-MMBT2907A Datasheet
90Kb / 4P
GENERAL PURPOSE TRANSISTOR PNP SILICON
logo
Weitron Technology
A733LT1 WEITRON-A733LT1 Datasheet
1Mb / 4P
General Purpose Transistor PNP Silicon
BC807-16 WEITRON-BC807-16 Datasheet
322Kb / 4P
General Purpose Transistor PNP Silicon
MMBT3906 WEITRON-MMBT3906 Datasheet
300Kb / 6P
General Purpose Transistor PNP Silicon
logo
SeCoS Halbleitertechnol...
2N2907A SECOS-2N2907A Datasheet
210Kb / 5P
PNP Silicon General Purpose Transistor
2SA1036K SECOS-2SA1036K Datasheet
227Kb / 2P
PNP Silicon General Purpose Transistor
2SA1576F SECOS-2SA1576F Datasheet
439Kb / 3P
PNP Silicon General Purpose Transistor
2SB709A SECOS-2SB709A Datasheet
564Kb / 3P
PNP Silicon General Purpose Transistor
logo
ON Semiconductor
BCW68GLT1G ONSEMI-BCW68GLT1G Datasheet
113Kb / 3P
General Purpose Transistor PNP Silicon
August, 2009 ??Rev. 5
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com