Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BC847T Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # BC847T
Description  NPN Plastic Encapsulate Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

BC847T Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  BC847T Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH BC847T Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH BC847T Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BC847AT /BC847BT /BC847CT
NPN Plastic Encapsulate Transistor
Elektronische Bauelemente
06-Jan-2011 Rev. A
Page 2 of 3
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS ( TA = 25°C unless otherwise specified )
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Collector to Base Breakdown Voltage
VCBO
50
-
-
V
IC = 10 μA, IE = 0
Collector to Emitter Breakdown Voltage
VCEO
45
-
-
V
IC = 10 mA, IB = 0
Emitter to Base Breakdown Voltage
VEBO
6
-
-
V
IE = 1 μA, IC = 0
Collector Cutoff Current
ICBO
-
-
15
nA
VCB = 30 V
Collector to Emitter Saturation Voltage
VCE(sat)
-
-
0.25
V
IC = 10mA, IB = 0.5 mA
-
-
0.6
IC = 100mA, IB = 5 mA
Base to Emitter Saturation Voltage
VBE(sat)
-
0.7
-
V
IC = 10mA, IB = 0.5 mA
-
0.9
-
IC = 100mA, IB = 5 mA
Base to Emitter Voltage
VBE(on)
580
660
700
mV
VCE = 5 V, IC = 2 mA
-
-
770
VCE = 5 V, IC = 10 mA
DC Current Gain
BC847AT
hFE
110
-
220
VCE = 5 V, IC = 2 mA
BC847BT
200
-
450
BC847CT
420
-
800
Transition Frequency
fT
100
-
-
MHz
VCE = 5 V, IC = 10 mA
f = 100MHz
Collector Output Capacitance
COb
-
-
4.5
pF
VCB = 10 V, f=1MHz
Noise Figure
BC847BT
NF
-
-
10
dB
VCE= 5V, BW= 200HZ,
f= 1KHz, RS= 2 kΩ
BC847CT
-
-
4



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com