Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

INT028ATFT Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # INT028ATFT
Description  LCD Module Product Specification
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

INT028ATFT Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button INT028ATFT Datasheet HTML 6Page - List of Unclassifed Manufacturers INT028ATFT Datasheet HTML 7Page - List of Unclassifed Manufacturers INT028ATFT Datasheet HTML 8Page - List of Unclassifed Manufacturers INT028ATFT Datasheet HTML 9Page - List of Unclassifed Manufacturers INT028ATFT Datasheet HTML 10Page - List of Unclassifed Manufacturers INT028ATFT Datasheet HTML 11Page - List of Unclassifed Manufacturers INT028ATFT Datasheet HTML 12Page - List of Unclassifed Manufacturers INT028ATFT Datasheet HTML 13Page - List of Unclassifed Manufacturers INT028ATFT Datasheet HTML 14Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Displaytech Ltd
LCD MODULE
INT028ATFT / INT028ATFT-TS
Version: 1.0
12
12. Safety Precaution
Handling precautions:
•
This device is susceptible to Electro-Static Discharge (ESD) damage. Observe Anti-Static precautions.
Power supply precautions:
•
Identify and, at all times, observe absolute maximum ratings for both logic and LC
drivers. Note that
there is some variance between models.
•
Prevent the application of reverse polarity to VCC and GND, however briefly.
•
Use a clean power source free from transients. Power up conditions are occasionally “jolting” and may
exceed the maximum ratings of the modules.
•
The VCC power of the module should also supply the power to all devices that may access the display.
Don’t allow the data bus to be driven when the logic supply to the module is turned off.
Operating precautions:
•
DO NOT plug or unplug the module when the system is powered up.
•
Minimize the cable length between the module and host MPU.
•
Operate the module within the limits of the modules temperature specifications.
Mechanical/Environmental precautions:
•
Improper soldering is the major cause of module difficulty. Use of flux cleaner is not recommended.
•
Mount the module so that it is free from torque and mechanical stress.
•
Surface of the LCD panel should not be touched or scratched. The display front surface is an easily
scratched, plastic polarizer. Avoid contact and clean only when necessary with soft, absorbent cotton
dampened with petroleum benzene.
•
Always employ anti-static procedure while handling the module.
•
Prevent moisture build-up upon the module and observe the environmental constraints for storage
temperature and humidity.
•
Do not store in direct sunlight
•
If leakage of the liquid crystal material should occur, avoid contact with this material, particularly
ingestion. If the body or clothing becomes contaminated by the liquid crystal material, wash thoroughly
with water and soap



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com