Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MA28151 Datasheet(PDF) 1 Page - Dynex Semiconductor

Part # MA28151
Description  Radiation hard Programmable Communication Interface
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

MA28151 Datasheet(HTML) 1 Page - Dynex Semiconductor

  MA28151 Datasheet HTML 1Page - Dynex Semiconductor MA28151 Datasheet HTML 2Page - Dynex Semiconductor MA28151 Datasheet HTML 3Page - Dynex Semiconductor MA28151 Datasheet HTML 4Page - Dynex Semiconductor MA28151 Datasheet HTML 5Page - Dynex Semiconductor MA28151 Datasheet HTML 6Page - Dynex Semiconductor MA28151 Datasheet HTML 7Page - Dynex Semiconductor MA28151 Datasheet HTML 8Page - Dynex Semiconductor MA28151 Datasheet HTML 9Page - Dynex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
MA28151
1/22
Figure 1: MA28151 Block Diagram
The MA28151 is based on the industry standard 8251A
Universal Synchronous Asynchronous Receiver/Transmitter
(USART), modified for data communications with the MAS281
microprocessor.
The MA28151 is used as a peripheral device and is
programmed by the CPU to operate using virtually any serial
data transmission technique presently in use (including IBM
“bi-sync”). The USART accepts data characters from the CPU
in parallel format and then converts them into a continuous
serial data stream for transmission.
Simultaneously, it can receive serial data streams and
convert them into parallel data characters for the CPU. The
USART signals the CPU whenever it receives a character for
transmission or whenever it receives a character for the CPU.
The CPU can read the complete status of the USART at any
time, including data transmission errors and control signals
such as SYNDET and TxEMPTY.
FEATURES
s Radiation Hard to 1MRad(Si)
s Latch Up Free, High SEU Immunity
s Silicon-on-Sapphire Technology
s Synchronous 5 - 8 Bit Characters; Internal or External
Character Synchronisation; Automatic Sync Insertion
s Asynchronous 5 - 8 Bit Characters; Clock Rate - 1, 16 or
64 Times Baud Rate; Break Character Generation, 1 1⁄2 or
2 Stop Bits
s All Inputs and Outputs are TTL Compatible
s Compatible with the MAS281 (MIL-STD-1750A)
Microprocessor
The MA28151 is based on the industry standard 8251A
USART, modified for use with the MAS281 processor,
incorporating the following features:
1. MA28151 has double-buffered data paths with separate l/O
registers for control status, data in and data out, which
considerably simplifies control programming and minimizes
CPU overhead.
2. In synchronous operations, the Receiver detects and
handles “break” automatically, relieving the CPU of this task.
3. A refined Rx initialisation prevents the Receiver from
starting when in the “break” state, preventing unwanted
interrupts from the disconnected USART.
4. At the conclusion of a transmission, the TxD line will always
return to the marking state unless SBRK is programmed.
5. Tx Enable logic enhancement prevents a Tx Disable
command from prematurely halting transmission of the
previously written data before completion. The logic also
prevents the transmitter from turning off in the middle of a
word.
6. When external Sync Detect is programmed, Internal Sync
Detect is disabled and an External Sync Detect status is
provided via a flip-flop, which clears itself upon a status read.
7. The possibility of a false sync detect is minimized in two
ways: by ensuring that if double character sync is
programmed, the characters will be continuously detected and
by clearing the Rx register to all 1’s whenever Enter-Hunt
command is issued in Sync mode.
8. When the MA28151 is not selected, the RDWN and DSN
lines do not affect the internal operation of the device.
9. The MA28151 Status can be read at any time but the status
update will be inhibited during status read.
10. The MA28151 is free from extraneous glitches, providing
higher speed and better operating margins.
11. Synchronous Baud rate is from DC to 64K.
12. Asynchronous Baud rate is from DC to 19.2K.
MA28151
Radiation hard Programmable
Communication Interface
Replaces Jone 1999 version, DS3574-4.0
DS3574-5.0 January 2000


Similar Part No. - MA28151

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
MA28155 DYNEX-MA28155 Datasheet
214Kb / 20P
Radiation Hard Programmable Peripheral Interface
More results

Similar Description - MA28151

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP82C51A TOSHIBA-TMP82C51A Datasheet
736Kb / 36P
PROGRAMMABLE COMMUNICATION INTERFACE
logo
Dynex Semiconductor
MA28155 DYNEX-MA28155 Datasheet
214Kb / 20P
Radiation Hard Programmable Peripheral Interface
logo
InnovASIC, Inc
IA8251 INNOVASIC-IA8251 Datasheet
45Kb / 4P
Programmable Communication Interface
logo
Intel Corporation
8251A INTEL-8251A Datasheet
785Kb / 25P
PROGRAMMABLE COMMUNICATION INTERFACE
logo
Intersil Corporation
HS-82C55ARH INTERSIL-HS-82C55ARH Datasheet
165Kb / 23P
Radiation Hardened CMOS Programmable Peripheral Interface
September 1995
logo
List of Unclassifed Man...
COM2661 ETC1-COM2661 Datasheet
1Mb / 12P
Enhanced Programmable Communication Interface EPCI
logo
National Semiconductor ...
INS8251 NSC-INS8251 Datasheet
258Kb / 8P
PROGRAMMABLE COMMUNICATION INTERFACE
logo
Intersil Corporation
HS-82C55ARH INTERSIL-HS-82C55ARH_00 Datasheet
234Kb / 17P
Radiation Hardened CMOS Programmable Peripheral Interface
August 2000
logo
Zarlink Semiconductor I...
MA3864 ZARLINK-MA3864 Datasheet
250Kb / 11P
RADIATION HARD 8192 x 8 BIT MASK-PROGRAMMABLE ROM
logo
Rochester Electronics
8251A ROCHESTER-8251A Datasheet
642Kb / 11P
PROGRAMMABLE COMMUNICATION INTERFACE 28-Pin DIP Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com