Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M9BC Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # M9BC
Description  Double-Balanced Mixer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M9BC Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  M9BC Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. M9BC Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
Double-Balanced Mixer
Rev. V2
M9BC
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• LO & RF: 0.5 TO 500 MHz
• IF: DC TO 500 MHz
• LO DRIVE: +17 dBm (NOMINAL)
• HIGH INTERCEPT: +25 dB (TYP.)
• HIGH ISOLATION: 50 dB (TYP.)
Description
The M9BC is a double balanced mixer, designed for use in military,
commercial, and test equipment applications.
The design utilizes
Schottky ring quad diodes and broadband ferrite baluns to attain
excellent performance.
This mixer can also be used as a phase
detector and/or bi-phase modulator since the IF port is DC coupled to the
diodes.
Environmental
screening
is
available
to
MIL-STD-883,
MIL-STD-202, or MIL-DTL-28837, consult factory.
Ordering Information
Part Number
Package
M9BC
Relay Can
Electrical Specifications: Z0 = 50Ω Lo = +17 dBm (Downconverter Application only)
Parameter
Test Conditions
Units
Typical
Guaranteed
25ºC
0º to 50ºC
-54º to +85ºC
SSB Conversion Loss &
SSB Noise Figure (max)
fR=0.0005 to 0.03 GHz, fL=0.0005 to 0.03 GHz, fI=0.0004 to
0.03GHz
fR=0.03 to 0.1 GHz, fL=0.03 to 0.1 GHz, fI=0.0004 to
0.1GHz
fR=0.1 to 0.5 GHz, fL=0.1 to 0.5 GHz, fI=0.0004 to 0.5GHz
dB
dB
dB
6.0
7.0
8.0
7.0
7.5
9.0
7.3
7.8
9.3
Isolation, L to R (min)
fL = 0.0005 to 0.03 GHz
fL = 0.03 to 0.1 GHz
fL = 0.1 to 0.5 GHz
dB
dB
dB
60
55
40
55
45
35
54
44
34
Isolation, L to I (min)
fL = 0.0005 to 0.03 GHz
fL = 0.03 to 0.1 GHz
fL = 0.1 to 0.5 GHz
dB
dB
dB
55
45
30
45
35
25
44
34
24
1 dB Conversion
Compression
fL @ +17 dBm
dBm
+8
Input IP3
dBm
+23
Isolation, R to I (min)
fL = 0.0005 to 0.5 GHz
dB
20
Product Image


Similar Part No. - M9BC

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
M9BC MACOM-M9BC Datasheet
167Kb / 2P
Double-Balanced Mixer
logo
M/A-COM Technology Solu...
M9BC MA-COM-M9BC Datasheet
698Kb / 2P
Double-Balanced Mixer
M9BC MA-COM-M9BC_15 Datasheet
698Kb / 2P
Double-Balanced Mixer
More results

Similar Description - M9BC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SGM-2-17 ETC1-SGM-2-17 Datasheet
253Kb / 4P
DOUBLE-BALANCED MIXER DOUBLE-BALANCED MIXER
logo
Tyco Electronics
M2B MACOM-M2B Datasheet
331Kb / 3P
Double-Balanced Mixer
M6D-50 MACOM-M6D-50_1 Datasheet
222Kb / 3P
Double-Balanced Mixer
M6R MACOM-M6R Datasheet
187Kb / 3P
Double-Balanced Mixer
M9BC MACOM-M9BC Datasheet
167Kb / 2P
Double-Balanced Mixer
M74 MACOM-M74 Datasheet
431Kb / 3P
Double-Balanced Mixer
M76 MACOM-M76 Datasheet
495Kb / 3P
Double-Balanced Mixer
logo
M/A-COM Technology Solu...
M2E MA-COM-M2E Datasheet
127Kb / 3P
Double-Balanced Mixer
M1G MA-COM-M1G Datasheet
97Kb / 3P
Double-Balanced Mixer
M6D-50 MA-COM-M6D-50 Datasheet
658Kb / 3P
Double-Balanced Mixer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com