Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GD22-MT Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # GD22-MT
Description  Client Side Antennas
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

GD22-MT Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  GD22-MT Datasheet HTML 1Page - List of Unclassifed Manufacturers GD22-MT Datasheet HTML 2Page - List of Unclassifed Manufacturers GD22-MT Datasheet HTML 3Page - List of Unclassifed Manufacturers GD22-MT Datasheet HTML 4Page - List of Unclassifed Manufacturers GD22-MT Datasheet HTML 5Page - List of Unclassifed Manufacturers GD22-MT Datasheet HTML 6Page - List of Unclassifed Manufacturers GD22-MT Datasheet HTML 7Page - List of Unclassifed Manufacturers GD22-MT Datasheet HTML 8Page - List of Unclassifed Manufacturers GD22-MT Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Part #
Part #
Part #
Part #
Type
Type
Type
Type
Gain
Gain
Gain
Gain
(dBi)
(dBi)
(dBi)
(dBi)
BW
BW
BW
BW
(deg)
(deg)
(deg)
(deg)
Front to
Front to
Front to
Front to
Back
Back
Back
Back
Polarity
Polarity
Polarity
Polarity
Weight (lbs)
Weight (lbs)
Weight (lbs)
Weight (lbs)
Dimensions (in.)
Dimensions (in.)
Dimensions (in.)
Dimensions (in.)
IN35
IN35
IN35
IN35----8DE
8DE
8DE
8DE
Indoor
Directional
8
65
Hor / Ver
.5
4.25 x 3.5 x 1”
PA35
PA35
PA35
PA35----13
13
13
13
Flat Panel
13
35
>20dB
Hor / Ver
1.5
7.5 x 7.5 x .8
GD35
GD35
GD35
GD35----17
17
17
17
Grid
17
17
>14dB
Hor / Ver
4
14 x 12
GD35
GD35
GD35
GD35----20
20
20
20
Grid
20
11
>20dB
Hor / Ver
6
24 x 17
GD35
GD35
GD35
GD35----25
25
25
25
Grid
25
8
>20dB
Hor / Ver
11
34 x 28
3400—3600MHz
2500—2700MHz
Part #
Part #
Part #
Part #
Type
Type
Type
Type
Gain
Gain
Gain
Gain
(dBi)
(dBi)
(dBi)
(dBi)
BW
BW
BW
BW
(deg)
(deg)
(deg)
(deg)
Front to Back
Front to Back
Front to Back
Front to Back
Polarity
Polarity
Polarity
Polarity
Weight
Weight
Weight
Weight
(lbs)
(lbs)
(lbs)
(lbs)
Dimensions (in.)
Dimensions (in.)
Dimensions (in.)
Dimensions (in.)
VA25
VA25
VA25
VA25----16
16
16
16
Vagi
16
25
>19dB
Hor/Ver
1.5
22 x 3 x 4
GD25
GD25
GD25
GD25----15
15
15
15
Grid
15
17 / 21
>17dB
Hor/Ver
4
12 x 16
GD25
GD25
GD25
GD25----19
19
19
19
Grid
19
11 /17
>17dB
Hor/Ver
6
16.5 x 24
GD25
GD25
GD25
GD25----24
24
24
24
Grid
24
8 / 10
>25dB
Hor/Ver
11
28.5 x 36
DC25
DC25
DC25
DC25----24
24
24
24
Die Cast Grid
24
8
>24dB
Hor/Ver
8.2
42 x 24
5.8GHz Echo Series
5.8GHz Echo Series
5.8GHz Echo Series
5.8GHz Echo SeriesTM
TM
TM
TM Antenna
Antenna
Antenna
Antenna
Part No. ES58-17
Motorola
Motorola
Motorola
MotorolaTM
TM
TM
TM Gain Booster
Gain Booster
Gain Booster
Gain Booster
Part No. GDx-MT
Die Cast Parabolic Grid Dish
Die Cast Parabolic Grid Dish
Die Cast Parabolic Grid Dish
Die Cast Parabolic Grid Dish
Part No. DC24
Client Side Antennas
4
4
4
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com