Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MP03/260-16 Datasheet(PDF) 8 Page - Dynex Semiconductor

Part # MP03/260-16
Description  Dual Diode Modules
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

MP03/260-16 Datasheet(HTML) 8 Page - Dynex Semiconductor

  MP03/260-16 Datasheet HTML 1Page - Dynex Semiconductor MP03/260-16 Datasheet HTML 2Page - Dynex Semiconductor MP03/260-16 Datasheet HTML 3Page - Dynex Semiconductor MP03/260-16 Datasheet HTML 4Page - Dynex Semiconductor MP03/260-16 Datasheet HTML 5Page - Dynex Semiconductor MP03/260-16 Datasheet HTML 6Page - Dynex Semiconductor MP03/260-16 Datasheet HTML 7Page - Dynex Semiconductor MP03/260-16 Datasheet HTML 8Page - Dynex Semiconductor MP03/260-16 Datasheet HTML 9Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
MP03 XX 260 Series
8/9
G
1
2
3
1
2
3
HB
GN
1
2
3
PACKAGE DETAILS
For further package information, please contact your local Customer Service Centre. All dimensions in mm, unless stated otherwise.
DO NOT SCALE.
CIRCUIT CONFIGURATIONS
35
28.5
80
92
2x M8
4 holes Ø5.5
42.5
5
1
2
3
Recommended fixings for mounting:
M5 socket head cap screws.
Recommended mounting torque:
5Nm (44lb.ins)
Recommended torque for electrical connections:
8Nm (70lb.ins)
Maximum torque for electrical connections:
9Nm (80lb.ins)
Nominal weight: 950g
Module outline type code: MP03



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com