Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AP-CF016GL9FS-NDRM Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # AP-CF016GL9FS-NDRM
Description  Specifications for Industrial CompactFlash Card
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AP-CF016GL9FS-NDRM Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button AP-CF016GL9FS-NDRM Datasheet HTML 8Page - List of Unclassifed Manufacturers AP-CF016GL9FS-NDRM Datasheet HTML 9Page - List of Unclassifed Manufacturers AP-CF016GL9FS-NDRM Datasheet HTML 10Page - List of Unclassifed Manufacturers AP-CF016GL9FS-NDRM Datasheet HTML 11Page - List of Unclassifed Manufacturers AP-CF016GL9FS-NDRM Datasheet HTML 12Page - List of Unclassifed Manufacturers AP-CF016GL9FS-NDRM Datasheet HTML 13Page - List of Unclassifed Manufacturers AP-CF016GL9FS-NDRM Datasheet HTML 14Page - List of Unclassifed Manufacturers AP-CF016GL9FS-NDRM Datasheet HTML 15Page - List of Unclassifed Manufacturers AP-CF016GL9FS-NDRM Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
Compact Flash 5 series
AP-CFxxxxL9XS-XXXXXX
11
© 2012 Apacer Technology Inc.
Rev. 1.2
8. Physical Characteristics
8.1 Dimensions
TABLE 8-1: Type I CFC physical specification
Length:
36.40 +/- 0.15mm (1.433+/- 0.06 in.)
Width:
42.80 +/- 0.10mm (1.685+/- 0.04 in.)
Thickness (Including Label Area):
3.3mm+/-0.10mm (0.130+/-0.04in.)
FIGURE 8-1: Physical dimension
Unit: mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com