Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AP-CF064GR7FS-NR Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # AP-CF064GR7FS-NR
Description  CompactFlash Series 5 Specifications for Industrial CompactFlash Card
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AP-CF064GR7FS-NR Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  AP-CF064GR7FS-NR Datasheet HTML 1Page - List of Unclassifed Manufacturers AP-CF064GR7FS-NR Datasheet HTML 2Page - List of Unclassifed Manufacturers AP-CF064GR7FS-NR Datasheet HTML 3Page - List of Unclassifed Manufacturers AP-CF064GR7FS-NR Datasheet HTML 4Page - List of Unclassifed Manufacturers AP-CF064GR7FS-NR Datasheet HTML 5Page - List of Unclassifed Manufacturers AP-CF064GR7FS-NR Datasheet HTML 6Page - List of Unclassifed Manufacturers AP-CF064GR7FS-NR Datasheet HTML 7Page - List of Unclassifed Manufacturers AP-CF064GR7FS-NR Datasheet HTML 8Page - List of Unclassifed Manufacturers AP-CF064GR7FS-NR Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Compact Flash 5 series
AP-CFxxxxRXXS-XXXXXXA
1
© 2013 Apacer Technology Inc.
Rev. 1.2
Features:
CompactFlash Association Specification
Revision 4.1 Standard Interface
–
512 bytes per sector
–
ATA command set compatible
–
ATA transfer mode supports:
PIO Mode 6
Multiword DMA Mode 4
Ultra DMA Mode 5
PCMCIA UDMA Mode 5
Capacities
–
128, 256, 512 MB
1, 2, 4, 8, 16, 32, 64 GB
Performance
–
Sustained read: Up to 55 MB/sec
–
Sustained write: Up to 42 MB/sec
Intelligent ATA/IDE module
–
Wear-leveling algorithms to substantially
increase longevity of flash media
–
Built-in BCH ECC capable of correcting
up to 24 bits in 1,024 byte data
–
Flash block management
–
Power failure management
–
Supports S.M.A.R.T commands
NAND Flash Type: SLC
Temperature ranges
–
0°C to 70°C for operation (Standard)
–
-40°C to 85°C for operation (Extended)
–
-40°C to 100°C for storage
Operating voltage
–
3.3 V
–
5.0 V
Power consumption (typical)**
–
Active mode: 175 mA
–
Standby mode: 3 mA
Connector Type
–
50 pins female
Physical Dimensions
–
36.4mm x 42.8mm x 3.3mm
Endurance (TBW: Terabytes Written)
–
128 MB: 0.5 TBW
–
256 MB: 1.1 TBW
–
512 MB: 2.3 TBW
–
1 GB: 4.5 TBW
–
2 GB: 9.1 TBW
–
4 GB: 18.2 TBW
–
8 GB: 36.5 TBW
–
16 GB: 73.0 TBW
–
32 GB: 146.0 TBW
–
64 GB: 292.1 TBW
Halogen free
*Performance and power consumption may vary depending on host system configurations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com