Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AP-CF002GK7FS-RM Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # AP-CF002GK7FS-RM
Description  Value Added CompactFlash Series5
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AP-CF002GK7FS-RM Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button AP-CF002GK7FS-RM Datasheet HTML 5Page - List of Unclassifed Manufacturers AP-CF002GK7FS-RM Datasheet HTML 6Page - List of Unclassifed Manufacturers AP-CF002GK7FS-RM Datasheet HTML 7Page - List of Unclassifed Manufacturers AP-CF002GK7FS-RM Datasheet HTML 8Page - List of Unclassifed Manufacturers AP-CF002GK7FS-RM Datasheet HTML 9Page - List of Unclassifed Manufacturers AP-CF002GK7FS-RM Datasheet HTML 10Page - List of Unclassifed Manufacturers AP-CF002GK7FS-RM Datasheet HTML 11Page - List of Unclassifed Manufacturers AP-CF002GK7FS-RM Datasheet HTML 12Page - List of Unclassifed Manufacturers AP-CF002GK7FS-RM Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
Compact Flash 5 series
AP-CFxxxxK7XS-XXXXXX
4.2 Environmental Specifications
Environmental specification of the Compact Flash Card series (CFC) which follows the MIL-STD-810F
standards is available as shown in Table 4-4.
Table 4-4: Environmental specifications
Environment
Specification
Operation
0°C to 70°C; -40°C to 85°C (Extended Temperature)
Temperature
Storage
-40°C to 100°C
Humidity
5% to 95% RH (Non-condensing)
Vibration (Non-Operation)
Sine wave: 10~2000Hz, 15G (X, Y, Z axes)
Shock (Non-Operation)
Half sine wave, Peak acceleration 50 G, 11 ms (X, Y, Z ; All 6 axes)
8
© 2011 Apacer Technology Inc.
Rev. 1.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com