Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AP-CF002GA5GS-RM Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # AP-CF002GA5GS-RM
Description  Compact Flash 4 Series
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AP-CF002GA5GS-RM Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  AP-CF002GA5GS-RM Datasheet HTML 1Page - List of Unclassifed Manufacturers AP-CF002GA5GS-RM Datasheet HTML 2Page - List of Unclassifed Manufacturers AP-CF002GA5GS-RM Datasheet HTML 3Page - List of Unclassifed Manufacturers AP-CF002GA5GS-RM Datasheet HTML 4Page - List of Unclassifed Manufacturers AP-CF002GA5GS-RM Datasheet HTML 5Page - List of Unclassifed Manufacturers AP-CF002GA5GS-RM Datasheet HTML 6Page - List of Unclassifed Manufacturers AP-CF002GA5GS-RM Datasheet HTML 7Page - List of Unclassifed Manufacturers AP-CF002GA5GS-RM Datasheet HTML 8Page - List of Unclassifed Manufacturers AP-CF002GA5GS-RM Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
Compact Flash 4 series
AP-CFxxxxA5XS-XXXXXX
1
© 2009 Apacer Technology Inc.
Rev. 1.1
Features:
CompactFlash Association Specification
Revision 4.1 Standard Interface
–
512 bytes per sector
–
ATA command set compatible
–
ATA mode support for up to:
PIO Mode-6
Multiword DMA Mode-4
Ultra DMA Mode-6
Capacities
–
256, 512 MB
1, 2, 4, 8, 16 GB
Sustained read performance
–
Up to 50 MB/sec
Sustained write performance
–
Up to 21 MB/sec
Flash management
–
Advanced wear-leveling algorithms to
substantially increase longevity of flash
media
–
Built-in ECC support for correcting up to
8/15 random single-bit errors per 512-
byte sector
–
Read Recovery Technology
–
Power Failure Recovery
–
S.M.A.R.T. Technology
NAND Flash Type: SLC
Temperature ranges
–
Operation: 0°C to 70°C (Standard)
-40°C to 85°C(ET*)
–
Storage: -40°C to 100°C
Support for voltage read and write
operations
–
3.3 V or 5 V
Low power consumption (typical)
–
Active mode: 95 mA/ 90 mA (3.3 V/ 5 V)
–
Sleep mode: 0.2 mA/ 0.2 mA (3.3 V/ 5 V)
Connector Type
–
50 pins female
Physical Dimensions
–
36.4mm x 42.8mm x 3.3mm
RoHS compliant
*Extended Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com