Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AP-CF256MA5FS-NDRM Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # AP-CF256MA5FS-NDRM
Description  Compact Flash 4 Series
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AP-CF256MA5FS-NDRM Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button AP-CF256MA5FS-NDRM Datasheet HTML 7Page - List of Unclassifed Manufacturers AP-CF256MA5FS-NDRM Datasheet HTML 8Page - List of Unclassifed Manufacturers AP-CF256MA5FS-NDRM Datasheet HTML 9Page - List of Unclassifed Manufacturers AP-CF256MA5FS-NDRM Datasheet HTML 10Page - List of Unclassifed Manufacturers AP-CF256MA5FS-NDRM Datasheet HTML 11Page - List of Unclassifed Manufacturers AP-CF256MA5FS-NDRM Datasheet HTML 12Page - List of Unclassifed Manufacturers AP-CF256MA5FS-NDRM Datasheet HTML 13Page - List of Unclassifed Manufacturers AP-CF256MA5FS-NDRM Datasheet HTML 14Page - List of Unclassifed Manufacturers AP-CF256MA5FS-NDRM Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
Compact Flash 4 series
AP-CFxxxxA5XS-XXXXXX
10
© 2009 Apacer Technology Inc.
Rev. 1.1
Table 6-1: CFC-ATA command set (2/2)
Command
Code
Command Protocol
Seek
7XH
Non-data
Set-Features
EFH
Non-data
Set-Multiple-mode
C6H
Non-data
Sleep
E6H or 99H
Non-data
SMART Disable Operations
B0H
Non-data
SMART Enable/Disable Attribute Autosave
B0H
Non-data
SMART Enable Operations
B0H
Non-data
SMART Read Attribute Thresholds
B0H
PIO data-in
SMART Read Data
B0H
PIO data-in
SMART Read Log
B0H
PIO data-in
SMART Return Status
B0H
Non-data
Standby
E2H or 96H
Non-data
Standby-Immediate
E0H or 94H
Non-data
Write Buffer
E8H
PIO data-out
Write DMA
CAH or CBH
DMA
Write Long
32H or 33H
PIO data-out
Write Multiple
C5H
PIO data-out
Write Sector(s)
30H or 31H
PIO data
Write Verify
3CH
PIO data
Write Level
F5H
Non-data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com