Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AP-CF016GA5GS-NDRM Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # AP-CF016GA5GS-NDRM
Description  Compact Flash 4 Series
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AP-CF016GA5GS-NDRM Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button AP-CF016GA5GS-NDRM Datasheet HTML 9Page - List of Unclassifed Manufacturers AP-CF016GA5GS-NDRM Datasheet HTML 10Page - List of Unclassifed Manufacturers AP-CF016GA5GS-NDRM Datasheet HTML 11Page - List of Unclassifed Manufacturers AP-CF016GA5GS-NDRM Datasheet HTML 12Page - List of Unclassifed Manufacturers AP-CF016GA5GS-NDRM Datasheet HTML 13Page - List of Unclassifed Manufacturers AP-CF016GA5GS-NDRM Datasheet HTML 14Page - List of Unclassifed Manufacturers AP-CF016GA5GS-NDRM Datasheet HTML 15Page - List of Unclassifed Manufacturers AP-CF016GA5GS-NDRM Datasheet HTML 16Page - List of Unclassifed Manufacturers AP-CF016GA5GS-NDRM Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
Compact Flash 4 series
AP-CFxxxxA5XS-XXXXXX
12
© 2009 Apacer Technology Inc.
Rev. 1.1
7.3 DC Characteristics
Table 7-3: DC Characteristics (@ VDDIO=3.3V)
Standard Value
Item
Symbol
Min
Typ
Max
Unit
Measurement Condition
VIH
2.0
—
VDDIO
V
Input voltage
(TTL level)
VIL
0
—
0.7
V
VDDIO=2.7V
V+
1.2
—
2.4
V
V-
0.6
—
1.8
V
Schmidt trigger input
(TTL level)
Vh
0.3
—
1.5
V
VOH
VDDIO-0.1
—
—
V
IOH=0mA
Output voltage
VOL
—
—
0.1
V
IOL=0mA
IIH
-10
—
+10
uA
VIN=VDDIO
Input leak current
IIL
-10
—
+10
uA
VIN=VSS
Output leak current
IOZ
-10
—
+10
uA
Hi-Z state
Pull-up resistance
RPU
14.2
31.9
80.7
kΩ
VIN=VSS
Pull-down resistance
RPD
20.6
44.9
116.4
kΩ
VIN=VDDIO
ICC33udma6
—
40
—
mA
UDMA mode 6 (when 2ch interleave)
ICC33pio6
—
20
—
mA
PIO mode 6 (when 2ch interleave)
ICC33idl
—
2
—
mA
IDLE
Current
consumption
(VDDIO)
ICC33slp
—
0.1
—
mA
SLEEP
7.4 Capacitance
Table 7-4: Capacitance
Item
Symbol
Min
Typ
Max
Unit
Input Pin Capacitance (5V-Tolerant)
Ci (5V-Tolerant)
7
—
11
pF
I/O Pin Capacitance (5V-Tolerant)
Cio (5V-Tolerant)
7
—
11
pF
7.5 Integrated Series Termination Resistor
Table 7-5: Integrated Series Termination Resistor
Item
Symbol
Min
Typ
Max
Unit
Terminator Resistance
Rterm
27
33
39
Ω
INTRQ, #INPACK, IORDY, DMACK, #CS0, #CS1, #IORD, #IOWR, A[2:0] and D[15:0] (IDE mode) signals that have integrated
series termination resistors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com