Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

APSDM004GD5AN-AT Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # APSDM004GD5AN-AT
Description  SATA-Disk Module 4
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

APSDM004GD5AN-AT Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button APSDM004GD5AN-AT Datasheet HTML 10Page - List of Unclassifed Manufacturers APSDM004GD5AN-AT Datasheet HTML 11Page - List of Unclassifed Manufacturers APSDM004GD5AN-AT Datasheet HTML 12Page - List of Unclassifed Manufacturers APSDM004GD5AN-AT Datasheet HTML 13Page - List of Unclassifed Manufacturers APSDM004GD5AN-AT Datasheet HTML 14Page - List of Unclassifed Manufacturers APSDM004GD5AN-AT Datasheet HTML 15Page - List of Unclassifed Manufacturers APSDM004GD5AN-AT Datasheet HTML 16Page - List of Unclassifed Manufacturers APSDM004GD5AN-AT Datasheet HTML 17Page - List of Unclassifed Manufacturers APSDM004GD5AN-AT Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
SATA-Disk Module 4
APSDMxxxxX5AN-AXXX
13
© 2012 Apacer Technology Inc.
Rev. 1.1
10
-8kV
Contact
Discharge
25
25
+4kV
-4kV
Indirect
Discharge
(HCP)
25
25
+4kV
-4kV
Indirect
Discharge
(VCP
Front)
25
25
+4kV
-4kV
Indirect
Discharge
(VCP Left)
25
25
+4kV
-4kV
Indirect
Discharge
(VCP
Back)
25
25
+4kV
-4kV
Indirect
Discharge
(VCP
Right)
25
25
+4kV
-4kV
7.2
Electrical Fast Transient/Burst
Electrical Fast Transient/Burst
Inject
Line
Polarity
Voltage
kV
Inject
Time
(Second)
Inject
Method
L-N-PE
±
1kV
60
Direct
Additional Information:
EUT stopped operation and could / could not be reset by operator at kV.
No false alarms or other malfunctions were observed during or after the test.
The Contact discharges were applied at least total 200 discharges at a minimum of four test points.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com