Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STPS30SM60S Datasheet(PDF) 4 Page - STMicroelectronics

Part # STPS30SM60S
Description  Power Schottky rectifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS30SM60S Datasheet(HTML) 4 Page - STMicroelectronics

  STPS30SM60S Datasheet HTML 1Page - STMicroelectronics STPS30SM60S Datasheet HTML 2Page - STMicroelectronics STPS30SM60S Datasheet HTML 3Page - STMicroelectronics STPS30SM60S Datasheet HTML 4Page - STMicroelectronics STPS30SM60S Datasheet HTML 5Page - STMicroelectronics STPS30SM60S Datasheet HTML 6Page - STMicroelectronics STPS30SM60S Datasheet HTML 7Page - STMicroelectronics STPS30SM60S Datasheet HTML 8Page - STMicroelectronics STPS30SM60S Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Characteristics
STPS30SM60S
4/9
Doc ID 022029 Rev 1
Figure 12.
Reverse safe operating area (tp < 1 µs and Tj < 150 °C)
Figure 8.
Reverse leakage current versus
reverse voltage applied
(typical values)
Figure 9.
Junction capacitance versus
reverse voltage applied
(typical values)
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
0
10
20
3040
5060
I (mA)
R
V (V)
R
T = 25 °C
j
T = 50 °C
j
T = 75 °C
j
T = 125 °C
j
T = 150 °C
j
T = 100 °C
j
100
1000
10000
1
10
100
C(pF)
V (V)
R
F = 1 MHz
V
= 30 mV
T = 25 °C
osc
RMS
j
Figure 10.
Forward voltage drop versus
forward current
Figure 11.
Thermal resistance junction to
ambient versus copper surface
under tab
0.1
1.0
10.0
100.0
1000.0
0.0
0.2
0.4
0.6
0.8
1.0
1.2
I
(A)
FM
(Maximum values)
T = 25 °C
j
(Maximum values)
T = 125 °C
j
(Typical values)
T = 125 °C
j
V
(V)
FM
0
10
20
30
40
50
60
70
80
0
5
10
15
20
25
30
35
40
DPAK
2
R
(°C/W)
th(j-a)
S (cm )
Cu
2
epoxy printed board copper thickness = 35 µm
I
(A)
arm
40.0
50.0
60.0
70.0
80.0
90.0
100.0
110.0
80
85
90
95
100
105
110
115
120
I
(V
) 150 °C, 1µs
arm
arm
V
(V)
arm



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com