Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AP-SDM004GDPANS-HT Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # AP-SDM004GDPANS-HT
Description  SATA-Disk Module?
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AP-SDM004GDPANS-HT Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button AP-SDM004GDPANS-HT Datasheet HTML 3Page - List of Unclassifed Manufacturers AP-SDM004GDPANS-HT Datasheet HTML 4Page - List of Unclassifed Manufacturers AP-SDM004GDPANS-HT Datasheet HTML 5Page - List of Unclassifed Manufacturers AP-SDM004GDPANS-HT Datasheet HTML 6Page - List of Unclassifed Manufacturers AP-SDM004GDPANS-HT Datasheet HTML 7Page - List of Unclassifed Manufacturers AP-SDM004GDPANS-HT Datasheet HTML 8Page - List of Unclassifed Manufacturers AP-SDM004GDPANS-HT Datasheet HTML 9Page - List of Unclassifed Manufacturers AP-SDM004GDPANS-HT Datasheet HTML 10Page - List of Unclassifed Manufacturers AP-SDM004GDPANS-HT Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
SATA-Disk ModuleⅡ
Ⅱ
Ⅱ
Ⅱ
AP-SDMxxxxXPANS-HTX
6
© 2011 Apacer Technology Inc.
Rev. 1.1
2. Software Interface
2.1
Command Set
Table 2-1 summarizes the ATA commands supported by the SDM.
Table 2-1 Command set
Command Name
Code (Hex)
FR
1
SC
2
SN
3
CY
4
DH
5
LBA
6
Check-Power-Mode
E5h
-
-
-
-
D
8
-
Flush-Cache
E7h
-
-
-
-
D
-
Identify-Drive
ECh
-
-
-
-
D
-
Idle
E3h
-
Y
7
-
-
D
-
Idle-Immediate
E1h
-
-
-
-
D
-
Initialize-Drive-Parameters
91h
-
Y
-
-
Y
-
Recalibrate
10h
-
-
-
-
D
-
Read-DMA
C8h
-
Y
Y
Y
Y
Y
Read-Multiple
C4h
-
Y
Y
Y
Y
Y
Read-Sector(s)
20h
-
Y
Y
Y
Y
Y
Read-Verify-Sector(s)
40h
-
Y
Y
Y
Y
Y
SMART
B0h
-
Y
Y
Y
D
Y
Set-Features
EFh
Y
-
-
-
D
-
Set-Multiple-Mode
C6h
-
Y
-
-
D
-
Sleep
E6h
-
-
-
-
D
-
Standby
E2h
-
-
-
-
D
-
Standby-lmmediate
E0h
-
-
-
-
D
-
Write-DMA
CAh
-
Y
Y
Y
Y
Y
Write-Multiple
C5h
-
Y
Y
Y
Y
Y
Write-Sector(s)
30h
-
Y
Y
Y
Y
Y
1. FR - Features register
2. SC - Sector Count register
3. SN - Sector Number register
4. CY - Cylinder High/Low registers
5. DH - Drive/Head Number register
6. LBA - Logical Block Address mode supported
7. Y - The register contains a valid parameter for this command.
8. For the Drive/Head register:
- Y means both the SDM and Head parameters are used;
- D means only the SDM parameter is valid, and not for the Head parameter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com