Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AP-SDM512MBPANS-HT Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # AP-SDM512MBPANS-HT
Description  SATA-Disk Module?
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AP-SDM512MBPANS-HT Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  AP-SDM512MBPANS-HT Datasheet HTML 1Page - List of Unclassifed Manufacturers AP-SDM512MBPANS-HT Datasheet HTML 2Page - List of Unclassifed Manufacturers AP-SDM512MBPANS-HT Datasheet HTML 3Page - List of Unclassifed Manufacturers AP-SDM512MBPANS-HT Datasheet HTML 4Page - List of Unclassifed Manufacturers AP-SDM512MBPANS-HT Datasheet HTML 5Page - List of Unclassifed Manufacturers AP-SDM512MBPANS-HT Datasheet HTML 6Page - List of Unclassifed Manufacturers AP-SDM512MBPANS-HT Datasheet HTML 7Page - List of Unclassifed Manufacturers AP-SDM512MBPANS-HT Datasheet HTML 8Page - List of Unclassifed Manufacturers AP-SDM512MBPANS-HT Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
SATA-Disk ModuleⅡ
Ⅱ
Ⅱ
Ⅱ
AP-SDMxxxxXPANS-HTX
4
© 2011 Apacer Technology Inc.
Rev. 1.2
1.3
ATA Mode Support
The SDM provides ATA mode support as follows:
Up to PIO mode-4
Up to Multiword DMA mode-2
Up to UDMA mode-5
1.4
Capacity Specification
Capacity specification of the SDM product family is available as shown in Table 1-1. It lists the specific
capacity, the default numbers of logical cylinders and heads, and the number of logical sectors per track for
each product line.
Table 1-1: Capacity specifications
Capacity
Total Bytes
Cylinders
Heads
Sectors
Max LBA
512 MB
487,710,720
945
16
63
952,560
1 GB
992,968,704
1,924
16
63
1,939,392
2 GB
2,002,452,480
3,880
16
63
3,911,040
4 GB
4,021,936,128
7,793
16
63
7,855,344
1.5
Performance
Performance of the SDM is shown in Table 1-2
Table 1-2: Performance
Capacity
Performance
512 MB
1 GB
2 GB
4 GB
Sustained read (MB/s)
22
27
27
27
Sustained write (MB/s)
8
12
22
23
Note: Performances vary from flash configurations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21