Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

APSDM032GD5AN-ACMC Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # APSDM032GD5AN-ACMC
Description  SATA-Disk Module 4
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

APSDM032GD5AN-ACMC Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button APSDM032GD5AN-ACMC Datasheet HTML 9Page - List of Unclassifed Manufacturers APSDM032GD5AN-ACMC Datasheet HTML 10Page - List of Unclassifed Manufacturers APSDM032GD5AN-ACMC Datasheet HTML 11Page - List of Unclassifed Manufacturers APSDM032GD5AN-ACMC Datasheet HTML 12Page - List of Unclassifed Manufacturers APSDM032GD5AN-ACMC Datasheet HTML 13Page - List of Unclassifed Manufacturers APSDM032GD5AN-ACMC Datasheet HTML 14Page - List of Unclassifed Manufacturers APSDM032GD5AN-ACMC Datasheet HTML 15Page - List of Unclassifed Manufacturers APSDM032GD5AN-ACMC Datasheet HTML 16Page - List of Unclassifed Manufacturers APSDM032GD5AN-ACMC Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
SATA-Disk Module 4
APSDMxxxxX5AN-ACMXX
12
© 2012 Apacer Technology Inc.
Rev. 1.1
7. Electrical Specification
Caution: Absolute Maximum Stress Ratings – Applied conditions greater than those listed under
“Absolute Maximum Stress Ratings” may cause permanent damage to the device. This is a stress rating
only and functional operation of the device at these conditions or conditions greater than those defined in
the operational sections of this data sheet is not implied. Exposure to absolute maximum stress rating
conditions may affect device reliability.
Table 7-1: Operating range
Range
Ambient Temperature
5V
Standard
0°C to +70°C
Extended Temperature
-40°C to 85°C
4.75-5.25V
Note: extended temperature is only available for 4, 8, 16GB capacities of this product family.
Table 7-2: Absolute maximum power pin stress ratings
Parameter
Symbol
Conditions
Input Power
VDD
-0.3V min. to 6.5V max.
Voltage on any pin except VDD with respect to GND
V
-0.5V min. to VDD + 0.5V max.
Table 7-3: Recommended system power-up timing
Symbol
Parameter
Typical
Maximum
Units
TPU-READY
1
Power-up to Ready Operation
200
1000
ms
TPU-WRITE
1
Power-up to Write Operation
200
1000
ms
1. This parameter is measured only for initial qualification and after a design or process change that could affect this parameter.
Table 7-4: Power consumption (typical)
Capacity
Modes
4 GB
8 GB
16 GB
32 GB
Active (mA)
165
165
185
185
Idle (mA)
85
85
85
85
Note: Results may differ from various flash configurations or platforms.
7.1
Electrostatic Discharge
Electrostatic discharge
Item
Amount of
Discharge
Voltage
Air
Discharge
10
10
+8kV
-8kV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com