Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AP-UM256MN20CS Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # AP-UM256MN20CS
Description  USB-Disk Module?좵lus
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AP-UM256MN20CS Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button AP-UM256MN20CS Datasheet HTML 2Page - List of Unclassifed Manufacturers AP-UM256MN20CS Datasheet HTML 3Page - List of Unclassifed Manufacturers AP-UM256MN20CS Datasheet HTML 4Page - List of Unclassifed Manufacturers AP-UM256MN20CS Datasheet HTML 5Page - List of Unclassifed Manufacturers AP-UM256MN20CS Datasheet HTML 6Page - List of Unclassifed Manufacturers AP-UM256MN20CS Datasheet HTML 7Page - List of Unclassifed Manufacturers AP-UM256MN20CS Datasheet HTML 8Page - List of Unclassifed Manufacturers AP-UM256MN20CS Datasheet HTML 9Page - List of Unclassifed Manufacturers AP-UM256MN20CS Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
USB-Disk ModuleⅡ
Ⅱ
Ⅱ
ⅡPlus
AP-UMxxxxXXXXX-XXXXX
5
© 2011 Apacer Technology, Inc.
Rev. 1.1
3. Pin Assignment
This chapter provides the information on the pin assignments and signal descriptions.
3.1 Type A, Type B, Type C, and Type E
Table 3-1: Pin Assignment of the 10-pin configuration in Type A, Type B, Type C, and Type E
Pin
Signal
Pin
Signal
1
+5V
2
N.C
3
USB D-
4
N.C
5
USB D+
6
N.C
7
GND
8
N.C
9
Key (Blocked)
10
N.C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com