| Electronic Components Datasheet Search |
|
MAR3690CD Datasheet(PDF) 13 Page - Dynex Semiconductor |
|
|
|||||||||||||||||||||||||||||
MAR3690CD Datasheet(HTML) 13 Page - Dynex Semiconductor |
|
13 / 41 page ![]() MA3690/1/3 13/41 Figure 5: Subsystem Status Latch Figure 6: Remote Terminal Subsystem Interface Signal Transfer SSERR - A low will cause the Subsystem flag to be set in the terminal status word. SERVREQ - A low will set the service request bit of the terminal status word. ILLEGAL COMMAND - Allows the subsystem to declare any command word illegal. When low the terminal will inhibit data transfers to or from the subsystem, and after message validation will respond with the message error bit set in the terminal status word. ALLOW CODE - Provides the subsystem with the capability to declare any of the reserved mode codes as being meaningful. If a reserved mode code is received when high the command is treated as illegal and after message validation responds with ME bit set in the terminal status word. If low the most significant bit of the mode code and the T/R bit determine whether any data words are involved and their direction. RES0, RES1, RES2 - Provides the subsystem the capability of setting any of the currently reserved bits of the terminal status word. DBACC - Dynamic Bus Acceptance. If low then the Dynamic Acceptance bit of the terminal status word will be set in response to a legal Mode Command for Dynamic Bus Control allocation. After switching to the BC mode of operation the first instruction must be a NOOP. DBCACC SSERR SERVREQ ILLEGAL COMMANDS ALLOW CODE RES0 RES1 RES2 B0 B1 B2 B3 B4 B5 B6 B7 G OE TRANSPARENT LATCH STATENN INCMDN |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |