Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L4938N Datasheet(PDF) 2 Page - STMicroelectronics

Part # L4938N
Description  DUAL MULTIFUNCTION VOLTAGE REGULATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4938N Datasheet(HTML) 2 Page - STMicroelectronics

  L4938N Datasheet HTML 1Page - STMicroelectronics L4938N Datasheet HTML 2Page - STMicroelectronics L4938N Datasheet HTML 3Page - STMicroelectronics L4938N Datasheet HTML 4Page - STMicroelectronics L4938N Datasheet HTML 5Page - STMicroelectronics L4938N Datasheet HTML 6Page - STMicroelectronics L4938N Datasheet HTML 7Page - STMicroelectronics L4938N Datasheet HTML 8Page - STMicroelectronics L4938N Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
BLOCK DIAGRAM
REG1
1.23V
REFERENCE
REG2
RESET
2.0V
1.23V
1.23V
SENSE
(optional)
VS1
VS2
EN
SI
SO
RES
CT
ADJ
VO2
VO1
GND
D94AT143A
2
µ
THERMAL DATA
Symbol
Parameter
Powerdip
PowerSO20
SO20
Unit
Rthj-case
Rthj-amb
Thermal Resistance Junction-Case
Max.
Thermal Resistance Junction-Ambient
Max.
14
90
< 2
–
–
20
°C/W
°C/W
L4938N - L4938ND - L4938NPD
2/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com