Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AP-SAFD254QA008GS-ETHT Datasheet(PDF) 31 Page - List of Unclassifed Manufacturers

Part # AP-SAFD254QA008GS-ETHT
Description  Serial ATA Flash Drive
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AP-SAFD254QA008GS-ETHT Datasheet(HTML) 31 Page - List of Unclassifed Manufacturers

Back Button AP-SAFD254QA008GS-ETHT Datasheet HTML 27Page - List of Unclassifed Manufacturers AP-SAFD254QA008GS-ETHT Datasheet HTML 28Page - List of Unclassifed Manufacturers AP-SAFD254QA008GS-ETHT Datasheet HTML 29Page - List of Unclassifed Manufacturers AP-SAFD254QA008GS-ETHT Datasheet HTML 30Page - List of Unclassifed Manufacturers AP-SAFD254QA008GS-ETHT Datasheet HTML 31Page - List of Unclassifed Manufacturers AP-SAFD254QA008GS-ETHT Datasheet HTML 32Page - List of Unclassifed Manufacturers AP-SAFD254QA008GS-ETHT Datasheet HTML 33Page - List of Unclassifed Manufacturers AP-SAFD254QA008GS-ETHT Datasheet HTML 34Page - List of Unclassifed Manufacturers AP-SAFD254QA008GS-ETHT Datasheet HTML 35Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 31 / 35 page
background image
Serial ATA Flash Drive
AP-SAFD254QAxxxxS-XXHT
30
©2011 Apacer Technology Inc.
Rev. 1.5
7. Product Ordering Information
7.1
Product Code Designations
A P – SAFD 254 Q A
x x x x S – XX H T
Capacities:
008G:
8 GB
016G:
16 GB
032G:
32 GB
064G:
64 GB
128G:
128 GB
Environmental Specification
Temperature Range
Blank: Standard
ET: Extended Temperature
Serial ATA Flash Drive
Apacer Product Code
2.5 inch Form Factor
Solution version
Apacer Brand
Flash Type
Version Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com