Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IR3638STRPBF Datasheet(PDF) 13 Page - International Rectifier

Part # IR3638STRPBF
Description  HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER FOR TRACKING APPLIACTIONS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3638STRPBF Datasheet(HTML) 13 Page - International Rectifier

Back Button IR3638STRPBF Datasheet HTML 7Page - International Rectifier IR3638STRPBF Datasheet HTML 8Page - International Rectifier IR3638STRPBF Datasheet HTML 9Page - International Rectifier IR3638STRPBF Datasheet HTML 10Page - International Rectifier IR3638STRPBF Datasheet HTML 11Page - International Rectifier IR3638STRPBF Datasheet HTML 12Page - International Rectifier IR3638STRPBF Datasheet HTML 13Page - International Rectifier IR3638STRPBF Datasheet HTML 14Page - International Rectifier IR3638STRPBF Datasheet HTML 15Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
IR3638SPbF
3/19/07
13
For this design we have:
V
in=5V
V
o=1.2V
V
osc=1.25V
V
p=1.0V
g
m=450umoh
L
o=1.0uH
C
o=1x470uF, ESR=10mOhm
F
s=400kHz
These result to:
F
LC=7.3kHz
F
ESR=33.8kHz
F
s/2=200kHz
Select crossover frequency:
Fo=40kHz
Since:
F
LC<FESR<Fo<Fs/2, typeII compensation is
selected to place the poles and zeros.
Using equations 12, 13 and 15 will result to the
following compensation values:
K
2
16
R
Select
K
76
16
R
(13)
-
-
-
g
R
F
V
R
R
F
F
V
R
3
3
m
2
2
LC
in
2
1
ESR
o
osc
3
.
,
.
*
*
*
)
(
*
*
*
=
=
+
=
nF
8
1
C
Select
,
nF
78
1
C
(12)
-
-
-
C
R
2
1
F
4
4
4
3
z
.
.
*
*
=
=
=
π
pF
22
C
Select
pF
49
C
(15)
-
-
-
F
R
*
1
C
POLE
POLE
s
3
POLE
≤
=
≅
,
*
π
Layout Consideration
The layout is very important when designing high
frequency switching converters. Layout will affect
noise pickup and can cause a good design to
perform with less than expected results.
Start to place the power components, make all
the connection in the top layer with wide, copper
filled areas.
The inductor, output capacitor and the MOSFET
should be close to each other as possible. This
helps to reduce the EMI radiated by the power
traces due to the high switching currents through
them. Place input capacitor directly to the drain of
the high-side MOSFET, to reduce the ESR
replace the single input capacitor with two
parallel units.
The feedback part of the system should be kept
away from the inductor and other noise sources.
The
critical
bypass
components
such
as
capacitors for Vcc and Vc should be close to
respective pins. It is important to place the
feedback components include feedback resistors
and compensation components close to Fb and
Comp pins.
In multilayer PCB use one layer as power ground
plane and have a control circuit ground (analog
ground), to which all signals are referenced. The
goal is to localize the high current path to a
separate loop that does not interfere with the
more sensitive analog control function. These two
grounds must be connected together on the PC
board layout at a single point.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com