Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PS8701 Datasheet(PDF) 1 Page - California Eastern Labs

Part # PS8701
Description  HIGH NOISE REDUCTION HIGH SPEED ANALOG OUTPUT 5 PIN SOP OPTOCOUPLER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS8701 Datasheet(HTML) 1 Page - California Eastern Labs

  PS8701 Datasheet HTML 1Page - California Eastern Labs PS8701 Datasheet HTML 2Page - California Eastern Labs PS8701 Datasheet HTML 3Page - California Eastern Labs PS8701 Datasheet HTML 4Page - California Eastern Labs PS8701 Datasheet HTML 5Page - California Eastern Labs PS8701 Datasheet HTML 6Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
HIGH NOISE REDUCTION
HIGH SPEED ANALOG OUTPUT
5 PIN SOP OPTOCOUPLER
PS8701
FEATURES
•
HIGH COMMON MODE TRANSISENT IMMUNITY:
CMH,CML:
±10 kV/µs MIN
•
HIGH ISOLATION VOLTAGE:
BV: 2500 Vr.m.s.
•
HIGH SUPPLY VOLTAGE:
VCC = 35 V
•
HIGH SPEED RESPONSE:
tPHL = 0.8
µs MAX, tPLH = 1.2 µs MAX
•
AVAILABLE IN TAPE AND REEL:
PS8701-E3, E4, F3, F4
DESCRIPTION
The PS8701 is an optically coupled isolator containing a
GaAIAs LED on the light emitting diode (input) side and a PIN
photodiode and a high speed amplifier transistor on the output
side on one chip. Its small package makes it ideal for high
density circuits and applications.
APPLICATIONS
•
COMPUTERS AND PERIPHERALS
•
GENERAL PURPOSE INVERTER
•
POWER SUPPLIES
•
RELAY AND PULSE TRANSFORMER
REPLACEMENTS
54
3
12
Pin Connection (Top View)
ELECTRICAL CHARACTERISTICS (TA = 25°C)
SYMBOLS
PARAMETERS
UNITS
MIN
TYP
MAX
VF
Forward Voltage, IF = 16 mA
V
1.7
2.2
IR
Reverse Current, VR = 3 V
µA10
∆VF/∆T
Forward Voltage Temp. Coefficient, IF = 16 mA
mV/
°C
-1.6
Ct
Terminal Capacitance, V = 0 V, f = 1.0 MHz
pF
60
IOH(1)
High Level Output Current
nA
3
500
IF = 0 mA, VCC = VO = 5.5 V
IOH(2)
High Level Output Current
µA
100
IF = 0 mA, VCC = VO = 30 V
VOL
Low Level Output Voltage
V
0.1
0.4
IF = 16 mA, VCC = 4.5 V, LO = 1.2 mA
ICCL
Low Level Supply Current
µA50
IF = 16 mA, VO = Open, VCC = 30 V
ICCH
High Level Supply Current
µA
0.01
2
IF = 0 mA, VO = Open, VCC = 30 V
PART NUMBER
PS8701
CTR
Current Transfer Ratio, IF= 16 mA, VCC = 4.5 V, VO = 0.4 V
%
15
20
35
RI-O
Isolation Resistance, V IN-OUT = 1k VDC, RH = 40 to 60 %
Ω
1011
CI-O
Isolation Capacitance, V = 0, f = 1.0 MHz
pF
0.4
tPHL
Propagation Delay Time, (High
→ Low)1
µs
0.5
0.8
IF = 16 mA, VCC = 5 V, RL = 2.2 k
Ω, CL = 15 pF
tPLH
Propagation Delay Time, (Low
→ High)1
µs
0.6
1.2
IF= 16 mA, VCC = 5 V, RL = 2.2 k
Ω, CL = 15 pF
CMH
Common Mode Transient Immunity at High Level Output2
kV/
µs10
IF= 0 mA, VCC = 5 V, RL = 4.1 k
Ω, VCM = 1.5 kV
CML
Common Mode Transient Immunity at Low Level Output 2
kV/
µs
-10
IF= 16 mA, VCC = 5 V, RL = 4.1 k
Ω, VCM = 1.5 kV
PLEASE SEE NOTES ON NEXT PAGE.
California Eastern Laboratories
ESD SENSITIVE


Similar Part No. - PS8701

ManufacturerPart #DatasheetDescription
logo
NEC
PS8701 NEC-PS8701 Datasheet
65Kb / 8P
HIGH NOISE REDUCTION HIGH-SPEED ANALOG OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
PS8701-E3 NEC-PS8701-E3 Datasheet
65Kb / 8P
HIGH NOISE REDUCTION HIGH-SPEED ANALOG OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
PS8701-E4 NEC-PS8701-E4 Datasheet
65Kb / 8P
HIGH NOISE REDUCTION HIGH-SPEED ANALOG OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
PS8701-F3 NEC-PS8701-F3 Datasheet
65Kb / 8P
HIGH NOISE REDUCTION HIGH-SPEED ANALOG OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
PS8701-F4 NEC-PS8701-F4 Datasheet
65Kb / 8P
HIGH NOISE REDUCTION HIGH-SPEED ANALOG OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
More results

Similar Description - PS8701

ManufacturerPart #DatasheetDescription
logo
NEC
PS8602 NEC-PS8602 Datasheet
84Kb / 10P
HIGH NOISE REDUCTION HIGH SPEED ANALOG OUTPUT TYPE 8 PIN PHOTOCOUPLER
PS8701 NEC-PS8701 Datasheet
65Kb / 8P
HIGH NOISE REDUCTION HIGH-SPEED ANALOG OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
PS9711 NEC-PS9711 Datasheet
93Kb / 5P
HIGH NOISE REDUCTION/HIGH-SPEED 10 Mbps, TOTEM-POLE OUTPUT TYPE 5-PIN SOP TOM PHOTOCOUPLER
PS8101 NEC-PS8101 Datasheet
101Kb / 3P
NECs HIGH NOISE REDUCTION HIGH SPEED ANALOG OUTPUT 5 PIN SOP OPTOCOUPLER
PS8703 NEC-PS8703 Datasheet
122Kb / 6P
NECs HIGH SPEED (200 kbps) ANALOG OUTPUT TYPE 5 PIN SOP OPTOCOUPLER
logo
Vishay Siliconix
VOM452T VISHAY-VOM452T Datasheet
113Kb / 7P
Analog High Speed Optocoupler, 1 MBd, Transistor Output, SOP-5 Package
08-Apr-10
logo
California Eastern Labs
PS8703 CEL-PS8703 Datasheet
124Kb / 6P
ANALOG OUTPUT TYPE 5 PIN SOP OPTOCOUPLER
PS9711 CEL-PS9711 Datasheet
130Kb / 7P
HIGH NOISE REDUCTION/ HIGH SPEED 10 Mbps, TOTEM-POLE OUTPUT TYPE 5 PIN SOP TOM OPTOCOUPLER
PS8602 CEL-PS8602 Datasheet
437Kb / 13P
HIGH NOISE REDUCTION HIGH SPEED ANALOG OUTPUT TYPE 8 PIN PHOTOCOUPLER
logo
Renesas Technology Corp
PS8602 RENESAS-PS8602 Datasheet
300Kb / 18P
HIGH NOISE REDUCTION HIGH SPEED ANALOG OUTPUT TYPE 8 PIN PHOTOCOUPLER
April 1st, 2010
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com