Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SMT-0927-S-4-R Datasheet(PDF) 1 Page - Projects Unlimited, Inc.

Part # SMT-0927-S-4-R
Description  Transducer (Electro-Mech)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PUI [Projects Unlimited, Inc.]
Direct Link  http://www.pui.com
Logo PUI - Projects Unlimited, Inc.

SMT-0927-S-4-R Datasheet(HTML) 1 Page - Projects Unlimited, Inc.

  SMT-0927-S-4-R Datasheet HTML 1Page - Projects Unlimited, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Transducer (Electro-Mech)
SMT-0927-S-4-R
J.A.F.
E.P.
B.R.
11/2/2007
-
Designed by
Checked by
Approved by
Drawn Date
1 / 1
Edition
Sheet
Date
2/16/2006
Date
2/16/2006
Date
2/16/2006
UNLESS OTHERWISE
SPECIFIED:
DIMENSIONS ARE IN
MILLIMETERS,
TOLERANCES
ARE ±0.5 AND
ANGLES ARE ±3°.
SMT-0927-S-4-R.idw
A3
SIZE
REVISION HISTORY
LTR
DESCRIPTION
DATE APPROVED
-
RELEASED FROM ENGINEERING
2/15/2006
A
REVISED TO INVENTOR 3-D DRAWING TEMPLATE
11/2/2007
B.R.
SPECIFICATIONS
PARAMETERS
VALUES
UNIT
RATED VOLTAGE (SQUARE WAVE)
3.6
Vp-p
OPERATING VOLTAGE RANGE
2 ~ 4
Vp-p
RATED CURRENT (MAX)
100
mA
COIL RESISTANCE
16 ± 2.4
OHM
MINIMUM SPL @ 10 CM
85
dBA
RESONANT FREQUENCY
2,730 ± 500
Hz
OPERATING TEMPERATURE
-30 ~ +70
°C
STORAGE TEMPERATURE
-40 ~ +85
°C
HOUSING MATERIAL
PA46
-
TERMINAL MATERIAL
Sn PLATED BRASS
-
WEIGHT
0.8
grams
THIS DOCUMENT CONTAINS DATA PROPRIETARY TO
PROJECTS UNLIMITED, INC. ANY USE OR
REPRODUCTION, IN ANY FORM, WITHOUT PRIOR
WRITTEN PERMISSION OF PROJECTS UNLIMITED,
INC. IS PROHIBITED.
©2003, Projects Unlimited Inc.
NOTES:
1. ALL DIMENSIONS ARE IN MILLIMETERS.
2. SPECIFICATIONS SUBJECT TO CHANGE OR WITHDRAWL
WITHOUT NOTICE.
3. THIS PART IS RoHS 2002/95/EC COMPLIANT.
9.8
9
9
4.5
0.5
0.7
3.6
4
0.2
`0.1
3.6 (2)
1.6 (2)
SOUND EMISSION
HOLE
D


Similar Part No. - SMT-0927-S-4-R

ManufacturerPart #DatasheetDescription
logo
PUI audio inc.
SMT-0927-S-4-R PUIAUDIO-SMT-0927-S-4-R Datasheet
410Kb / 3P
Side-firing electromechanical transducer designed for 2 to 4 Vp-p
More results

Similar Description - SMT-0927-S-4-R

ManufacturerPart #DatasheetDescription
logo
Projects Unlimited, Inc...
SMT-0827-TW-5V-R PUI-SMT-0827-TW-5V-R Datasheet
150Kb / 1P
Transducer (Electro-Mech)
SMT-0927-S-5-R PUI-SMT-0927-S-5-R Datasheet
158Kb / 1P
Transducer (Electro-Mech)
SMT-0927-S-6-R PUI-SMT-0927-S-6-R Datasheet
163Kb / 1P
Transducer (Electro-Mech)
SMT-1028-S-5V-R PUI-SMT-1028-S-5V-R Datasheet
156Kb / 1P
Transducer (Electro-Mech)
SMT-1028-T-R PUI-SMT-1028-T-R Datasheet
154Kb / 1P
Transducer (Electro-Mech)
SMT-1220-TW-R PUI-SMT-1220-TW-R Datasheet
253Kb / 1P
Transducer (Electro-Mech)
SMT-1324-TW-1V-R PUI-SMT-1324-TW-1V-R Datasheet
159Kb / 1P
Transducer (Electro-Mech)
SMT-1427-S-3-R PUI-SMT-1427-S-3-R Datasheet
209Kb / 1P
Transducer (Electro-Mech)
SMT-1427-S-R PUI-SMT-1427-S-R Datasheet
190Kb / 1P
Transducer (Electro-Mech)
SMT-1427-T-R PUI-SMT-1427-T-R Datasheet
214Kb / 1P
Transducer (Electro-Mech)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com