Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SSESDL05-C Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SSESDL05-C
Description  Ultra-Low Capacitance ESD Protection
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSESDL05-C Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SSESDL05-C Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSESDL05-C Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
SSESDL05-C
150mW , 5V
Ultra-Low Capacitance ESD Protection
13-Nov-2013 Rev. B
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
D
DESCRIPTION
The SSESDL05-C is designed to protect voltage sensitive
components that require ultra-low capacitance from ESD
and transient voltage events. Excellent clamping capability,
low capacitance, low leakage, and fast response time, make
these parts ideal for ESD protection on designs where board
space is at a premium. Because of its low capacitance, it is
suited for use in high frequency designs such as USB 2.0 high
speed and antenna line applications.
APPLICATIONS
Cellular phones / Audio
Portable devices
Digital cameras
Power supplies
FEATURES
Small body outline dimensions
QUALIFIED MAX REFLOW TEMPERATURE:260°C
Device Meets MSL 1 Requirements
LEAD FINISH:100% Matte Sn (Tin)
PACKAGE INFORMATION
Package
MPQ
Leader Size
SOD-923
8K
7 inch
MARK CODE
ABSOLUTE MAXIMUM RATINGS (T
A=25°C unless otherwise specified)
Rating
Symbol
Value
Units
Total Power Dissipation on FR-5 Board @ TA=25°C
1
PD
150
mW
Lead Solder Temperature -Maximum (10 second Duration)
TL
260
°C
Junction and Storage Temperature Range
TJ,TSTG
-55~150
°C
Air discharge
±15
IEC61000-4-2 (ESD)
Contact discharge
±10
KV
Note:
1.
Stresses exceeding Maximum Ratings may damage the device. Maximum Rating are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device
reliability.
2.
FR-5 = 1.0*0.75*0.62 in.
RoHS Compliant Product
SOD-923
E
F
B
C
D
A
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
0.95
1.05
D
0.75
0.85
B
0.55
0.65
E
0.15
0.25
C
0.34
0.43
F
0.07
0.17


Similar Part No. - SSESDL05-C

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSESDL05 SECOS-SSESDL05_15 Datasheet
219Kb / 2P
Ultra-Low Capacitance ESD Protection
More results

Similar Description - SSESDL05-C

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJE5V0U8TB-AU PANJIT-PJE5V0U8TB-AU Datasheet
288Kb / 6P
Ultra Low Capacitance ESD Protection
logo
FutureWafer Tech Co.,Lt...
ESD3LC-0.4PF FUTUREWAFER-ESD3LC-0.4PF Datasheet
824Kb / 4P
Ultra low capacitance ESD Protection
logo
ON Semiconductor
ESD7571 ONSEMI-ESD7571 Datasheet
132Kb / 6P
Ultra-Low Capacitance ESD Protection
October, 2016 ??Rev. 0
logo
Shanghai Yint Electroni...
ESD040205P015 YINT-ESD040205P015 Datasheet
502Kb / 4P
Ultra Low Capacitance ESD Protection
logo
Pan Jit International I...
PE1403M1Q PANJIT-PE1403M1Q Datasheet
344Kb / 5P
Ultra Low Capacitance ESD Protection
April 15,2017-REV.00
PE1403M2Q PANJIT-PE1403M2Q Datasheet
378Kb / 5P
Ultra Low Capacitance ESD Protection
May 4,2018-REV.01
PE1605S1Q PANJIT-PE1605S1Q Datasheet
268Kb / 5P
ULTRA LOW CAPACITANCE ESD PROTECTION
January 22,2019-REV.00
PE1805C4C5 PANJIT-PE1805C4C5 Datasheet
364Kb / 5P
Ultra Low Capacitance ESD Protection
April 20,2016-REV.00
PE1805C4C6N PANJIT-PE1805C4C6N Datasheet
350Kb / 5P
ULTRA LOW CAPACITANCE ESD PROTECTION
April 24,2018-REV.00
PE1805C4E6 PANJIT-PE1805C4E6 Datasheet
310Kb / 5P
Ultra Low Capacitance ESD Protection
August 10,2022 PE1805C4E6-REV.01
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com