Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ECOS1CP682CL Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # ECOS1CP682CL
Description  Large Can Aluminum Electrolytic Capacitors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECOS1CP682CL Datasheet(HTML) 3 Page - Panasonic Semiconductor

  ECOS1CP682CL Datasheet HTML 1Page - Panasonic Semiconductor ECOS1CP682CL Datasheet HTML 2Page - Panasonic Semiconductor ECOS1CP682CL Datasheet HTML 3Page - Panasonic Semiconductor ECOS1CP682CL Datasheet HTML 4Page - Panasonic Semiconductor ECOS1CP682CL Datasheet HTML 5Page - Panasonic Semiconductor ECOS1CP682CL Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TS-UP Standard Ratings (continued)
Cap.
Panasonic
Cap.
Panasonic
(µF)
120Hz
10kHz~
120Hz
20kHz
Part Number
(µF)
120Hz
10kHz~
120Hz
20kHz
Part Number
220
22 x 20
0.75
1.05
0.980
0.490
ECOS2CP221BL
1500
30 x 45
3.87
5.42
0.144
0.072
ECOS2DP152DX
22 x 25
0.91
1.27
0.829
0.414
ECOS2CP221BA
30 x 50
3.87
5.42
0.144
0.072
ECOS2DP152DA
270
22 x 25
1.19
1.67
0.675
0.338
ECOS2CP271BA
35 x 35
3.87
5.42
0.144
0.072
ECOS2DP152EX
25 x 20
0.87
1.22
0.798
0.399
ECOS2CP271CL
35 x 40
3.87
5.42
0.144
0.072
ECOS2DP152EA
330
22 x 25
1.45
2.03
0.553
0.276
ECOS2CP331BA
1800
30 x 50
4.32
6.05
0.120
0.060
ECOS2DP182DX
390
22 x 25
1.62
2.27
0.468
0.234
ECOS2CP391BX
35 x 40
4.32
6.05
0.120
0.060
ECOS2DP182EX
25 x 25
1.62
2.27
0.468
0.234
ECOS2CP391CA
35 x 45
4.32
6.05
0.120
0.060
ECOS2DP182EA
30 x 20
1.10
1.54
0.595
0.298
ECOS2CP391DL
2200
35 x 45
4.92
6.89
0.098
0.054
ECOS2DP222EX
470
22 x 30
2.11
2.95
0.423
0.212
ECOS2CP471BA
35 x 50
4.92
6.89
0.098
0.054
ECOS2DP222EA
25 x 25
2.11
2.95
0.423
0.212
ECOS2CP471CA
560
22 x 30
2.25
3.15
0.355
0.178
ECOS2CP561BX
120
22 x 20
0.45
0.63
1.658
0.663
ECOS2EP121BL
22 x 35
2.25
3.15
0.355
0.178
ECOS2CP561BA
22 x 25
0.71
0.99
1.520
0.608
ECOS2EP121BA
25 x 25
2.25
3.15
0.355
0.178
ECOS2CP561CX
150
22 x 25
0.89
1.25
1.216
0.486
ECOS2EP151BA
25 x 30
2.25
3.15
0.355
0.178
ECOS2CP561CA
25 x 20
0.65
0.91
1.326
0.531
ECOS2EP151CL
35 x 20
1.30
1.82
0.414
0.207
ECOS2CP561EL
180
22 x 25
1.07
1.50
0.921
0.368
ECOS2EP181BA
680
22 x 35
2.50
3.50
0.293
0.146
ECOS2CP681BX
220
22 x 25
1.17
1.64
0.754
0.301
ECOS2EP221BX
22 x 40
2.50
3.50
0.293
0.146
ECOS2CP681BA
30 x 20
0.87
1.22
0.829
0.332
ECOS2EP221DL
25 x 30
2.50
3.50
0.293
0.146
ECOS2CP681CX
270
22 x 30
1.31
1.83
0.614
0.246
ECOS2EP271BA
30 x 25
2.50
3.50
0.293
0.146
ECOS2CP681DA
25 x 25
1.31
1.83
0.614
0.246
ECOS2EP271CA
820
22 x 40
2.50
3.50
0.243
0.121
ECOS2CP821BX
330
22 x 35
1.75
2.45
0.553
0.221
ECOS2EP331BA
22 x 45
2.75
3.85
0.263
0.131
ECOS2CP821BA
25 x 30
1.75
2.45
0.502
0.201
ECOS2EP331CA
25 x 35
2.75
3.85
0.263
0.131
ECOS2CP821CA
35 x 20
1.10
1.54
0.553
0.221
ECOS2EP331EL
30 x 25
2.75
3.85
0.263
0.131
ECOS2CP821DX
390
22 x 40
1.91
2.67
0.468
0.187
ECOS2EP391BA
30 x 30
2.75
3.85
0.263
0.131
ECOS2CP821DA
25 x 30
1.91
2.67
0.468
0.187
ECOS2EP391CX
1000
22 x 45
3.00
4.20
0.216
0.108
ECOS2CP102BX
25 x 35
1.91
2.67
0.468
0.187
ECOS2EP391CA
25 x 40
3.00
4.20
0.216
0.108
ECOS2CP102CX
30 x 25
1.91
2.67
0.425
0.170
ECOS2EP391DA
25 x 45
3.00
4.20
0.232
0.128
ECOS2CP102CA
470
22 x 45
2.11
2.95
0.388
0.155
ECOS2EP471BA
30 x 30
3.00
4.20
0.232
0.128
ECOS2CP102DX
25 x 35
2.11
2.95
0.388
0.155
ECOS2EP471CX
30 x 35
3.00
4.20
0.232
0.128
ECOS2CP102DA
25 x 40
2.11
2.95
0.388
0.155
ECOS2EP471CA
35 x 30
3.00
4.20
0.232
0.128
ECOS2CP102EA
30 x 25
2.11
2.95
0.353
0.141
ECOS2EP471DX
1200
25 x 50
3.25
4.55
0.207
0.114
ECOS2CP122CA
30 x 30
2.11
2.95
0.388
0.155
ECOS2EP471DA
30 x 35
3.25
4.55
0.207
0.114
ECOS2CP122DA
560
25 x 40
2.25
3.15
0.326
0.130
ECOS2EP561CX
35 x 30
3.25
4.55
0.207
0.114
ECOS2CP122EA
25 x 45
2.25
3.15
0.326
0.130
ECOS2EP561CA
1500
25 x 50
3.73
5.22
0.166
0.091
ECOS2CP152CX
30 x 30
2.25
3.15
0.326
0.130
ECOS2EP561DX
30 x 45
3.73
5.22
0.166
0.091
ECOS2CP152DA
30 x 35
2.25
3.15
0.326
0.130
ECOS2EP561DA
35 x 30
3.73
5.22
0.166
0.091
ECOS2CP152EX
35 x 25
2.25
3.15
0.326
0.130
ECOS2EP561EA
35 x 35
3.73
5.22
0.166
0.091
ECOS2CP152EA
680
25 x 45
2.50
3.50
0.268
0.107
ECOS2EP681CX
1800
30 x 50
4.20
5.88
0.138
0.083
ECOS2CP182DA
25 x 50
2.50
3.50
0.268
0.107
ECOS2EP681CA
35 x 35
4.20
5.88
0.138
0.083
ECOS2CP182EX
30 x 35
2.50
3.50
0.268
0.107
ECOS2EP681DX
2200
30 x 50
4.78
6.69
0.105
0.053
ECOS2CP222DX
30 x 40
2.50
3.50
0.268
0.107
ECOS2EP681DA
35 x 40
4.78
6.69
0.113
0.073
ECOS2CP222EX
35 x 30
2.50
3.50
0.268
0.107
ECOS2EP681EA
35 x 45
4.78
6.69
0.113
0.073
ECOS2CP222EA
820
30 x 40
2.50
3.50
0.222
0.089
ECOS2EP821DX
2700
35 x 50
5.45
7.63
0.092
0.060
ECOS2CP272EA
30 x 45
2.77
3.88
0.222
0.089
ECOS2EP821DA
35 x 30
2.77
3.88
0.222
0.089
ECOS2EP821EX
150
22 x 20
0.65
0.91
1.326
0.597
ECOS2DP151BL
35 x 35
2.77
3.88
0.243
0.109
ECOS2EP821EA
22 x 25
0.71
0.99
1.216
0.547
ECOS2DP151BA
1000
30 x 45
3.32
4.65
0.182
0.073
ECOS2EP102DX
220
22 x 25
1.04
1.46
0.829
0.373
ECOS2DP221BA
30 x 50
3.32
4.65
0.199
0.090
ECOS2EP102DA
25 x 20
0.87
1.22
0.904
0.407
ECOS2DP221CL
35 x 35
3.32
4.65
0.199
0.090
ECOS2EP102EX
270
22 x 25
1.41
1.97
0.614
0.276
ECOS2DP271BA
35 x 40
3.32
4.65
0.199
0.099
ECOS2EP102EA
330
22 x 25
1.56
2.18
0.553
0.249
ECOS2DP331BX
1200
35 x 40
3.53
4.94
0.166
0.083
ECOS2EP122EX
30 x 20
1.00
1.40
0.603
0.271
ECOS2DP331DL
35 x 45
3.53
4.94
0.166
0.083
ECOS2EP122EA
390
22 x 30
1.68
2.35
0.468
0.210
ECOS2DP391BA
1500
35 x 50
4.04
5.66
0.133
0.066
ECOS2EP152EA
25 x 25
1.68
2.35
0.468
0.210
ECOS2DP391CA
470
22 x 35
1.85
2.59
0.388
0.175
ECOS2DP471BA
82
22 x 25
0.83
1.16
2.022
0.708
ECOS2VP820BA
25 x 30
1.85
2.59
0.388
0.175
ECOS2DP471CA
100
22 x 30
0.91
1.27
1.658
0.580
ECOS2VP101BA
35 x 20
1.30
1.82
0.459
0.206
ECOS2DP471EL
120
22 x 30
1.00
1.40
1.382
0.484
ECOS2VP121BA
560
22 x 40
2.43
3.40
0.326
0.147
ECOS2DP561BA
25 x 25
1.00
1.40
1.382
0.484
ECOS2VP121CA
25 x 30
2.43
3.40
0.326
0.147
ECOS2DP561CX
150
22 x 35
1.12
1.57
1.105
0.387
ECOS2VP151BA
30 x 25
2.43
3.40
0.326
0.147
ECOS2DP561DA
25 x 25
1.12
1.57
1.105
0.387
ECOS2VP151CX
680
22 x 45
2.68
3.75
0.268
0.121
ECOS2DP681BA
25 x 30
1.12
1.57
1.105
0.387
ECOS2VP151CA
25 x 35
2.68
3.75
0.268
0.121
ECOS2DP681CA
30 x 25
1.12
1.57
1.105
0.387
ECOS2VP151DA
30 x 30
2.68
3.75
0.268
0.121
ECOS2DP681DA
180
22 x 40
1.22
1.71
0.921
0.322
ECOS2VP181BA
820
25 x 45
2.93
4.10
0.222
0.100
ECOS2DP821CA
25 x 30
1.22
1.71
0.921
0.322
ECOS2VP181CX
30 x 30
2.93
4.10
0.222
0.100
ECOS2DP821DX
25 x 35
1.22
1.71
0.921
0.322
ECOS2VP181CA
30 x 35
2.93
4.10
0.222
0.100
ECOS2DP821DA
30 x 25
1.22
1.71
0.921
0.322
ECOS2VP181DA
35 x 25
2.93
4.10
0.222
0.100
ECOS2DP821EA
220
22 x 45
1.44
2.02
0.754
0.264
ECOS2VP221BA
1000
25 x 45
3.25
4.55
0.199
0.090
ECOS2DP102CX
25 x 35
1.44
2.02
0.754
0.264
ECOS2VP221CX
25 x 50
3.25
4.55
0.199
0.090
ECOS2DP102CA
25 x 40
1.44
2.02
0.754
0.264
ECOS2VP221CA
30 x 35
3.25
4.55
0.199
0.090
ECOS2DP102DX
30 x 25
1.44
2.02
0.754
0.264
ECOS2VP221DX
30 x 40
3.25
4.55
0.199
0.090
ECOS2DP102DA
30 x 30
1.44
2.02
0.754
0.264
ECOS2VP221DA
35 x 30
3.25
4.55
0.199
0.090
ECOS2DP102EA
35 x 25
1.44
2.02
0.754
0.264
ECOS2VP221EA
1200
30 x 40
3.50
4.90
0.166
0.075
ECOS2DP122DX
270
25 x 40
1.66
2.32
0.614
0.215
ECOS2VP271CX
30 x 45
3.50
4.90
0.166
0.075
ECOS2DP122DA
30 x 30
1.66
2.32
0.614
0.215
ECOS2VP271DX
35 x 30
3.50
4.90
0.166
0.075
ECOS2DP122EX
30 x 35
1.66
2.32
0.614
0.215
ECOS2VP271DA
35 x 35
3.50
4.90
0.166
0.075
ECOS2DP122EA
35 x 25
1.66
2.32
0.614
0.215
ECOS2VP271EX
Max. 20°C ESR (
Ω
Ω
Ω
Ω)
Size (mm)
Max. 20°C ESR (
Ω
Ω
Ω
Ω)
Max 85°C R.C. (Arms)
350 VDC Working, 400 VDC Surge
250 VDC Working, 300 VDC Surge
D x L
Size (mm)
Max 85°C R.C. (Arms)
D x L
160 VDC Working, 200 VDC Surge
200 VDC Working, 250 VDC Surge
200 VDC Working, 250 VDC Surge (continued)
Design and specifications are subject to change without notice. Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please contact us immediately for technical consultation.
Large Can Aluminum Electrolytic Capacitors



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com