Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SSN3541 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SSN3541
Description  N Channel Enhancement MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSN3541 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SSN3541 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSN3541 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSN3541 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SSN3541
0.1 A, 30 V, RDS(ON) 8 Ω
Ω
Ω
Ω
N Channel Enhancement MOSFET
Elektronische Bauelemente
09-Aug-2012 Rev. A
Page 2 of 3
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Teat Conditions
Static
Drain-Source Breakdown Voltage
V(BR)DSS
30
-
-
V
VGS=0, ID=10µA
Gate Threshold Voltage
VGS(th)
0.8
-
1.5
V
VDS=3V, ID=100µA
Gate-Body Leakage Current
IGSS
-
-
±1
µA
VDS=0, VGS=±20V
Zero Gate Voltage Drain Current
IDSS
-
-
1
µA
VDS=30V, VGS=0
Drain-Source On-Resistance
1
RDS(ON)
-
5
8
VGS=4V, ID=10mA
-
7
13
VGS=2.5V, ID=1mA
Forward Transconductance
1
gfs
20
-
-
mS
VDS=3V, ID=10mA
Input Capacitance
Ciss
-
13
-
pF
VDS=5V,
VGS=0,
f=1MHz
Output Capacitance
Coss
-
9
-
Reverse Transfer Capacitance
Crss
-
4
-
Turn-On Delay Time
Td(on)
-
15
-
nS
VDD=5V
ID= 10mA
VGS=5V
RL= 500
RG=10
Rise Time
Tr
-
35
-
Turn-Off Delay Time
Td(off)
-
80
-
Fall Time
Tf
-
80
-



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com