Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LEDIB70X70W Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # LEDIB70X70W
Description  Visible red or infrared backlights in 2 sizes, with 3-conductor cable
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LEDIB70X70W Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  LEDIB70X70W Datasheet HTML 1Page - List of Unclassifed Manufacturers LEDIB70X70W Datasheet HTML 2Page - List of Unclassifed Manufacturers LEDIB70X70W Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Datasheet
Visible red or infrared backlights in 2 sizes, with 3-conductor cable
Diffused backlight for PresencePLUS® Pro sensors. See Banner’s website
at www.bannerengineering.com for a complete lighting tutorial.
Continuous light and strobed operation, selectable via sensor software
Solid-state LED matrix, in two sizes.
Direct connection to PresencePLUS Pro or to an external power supply
using 3 discrete wires.
Two sizes available; see models table.
Bracket option(s) available for all models.
Models
Model
LED Color
Wave Length
Active Area
LEDIB70X70W
Infrared
940 nm
71 x 71 mm
(2.8" x 2.8")
LEDRB70X70W
Visible Red
660 nm
LEDIB85X220W
Infrared
940 nm
85 x 220 mm
(3.35" x 8.67")
LEDRB85X220W
Visible Red
660 nm
To order the 9 m (30 ft) integral cable model, add the suffix “W/30” to the model number (for example, LEDIB70X70W
W/30).
Specifications
Light Source
LED; see models table for wavelengths
Illumination
Diffused for use in applications needing a backlit light source.
Supply Voltage and Current
70 X 70 mm models: 24 V dc at 250 mA max.
85 x 220 mm models: 24 V dc at 500 mA max.
Connections
2 m (6.5 ft) or 9 m (30 ft) PUR-jacketed, 3-conductor attached cable
Construction
Low-carbon steel with black zinc plating, acrylic window
Useful Life
10,000 hours (LED ON time). When operated within specifications,
output will decrease less than 30% after 10,000 hours and less than
40% after 20,000 hours.
Operating Conditions
0 °C to 50 °C (32 °F to 122 °F)
90% at 50 °C (non-condensing) max. relative humidity
Cleaning Instructions
Regularly remove any dust, dirt, or fingerprints from the light
source.
Blow off dust using anti-static compressed air.
If necessary, use a lens cloth and lens cleaner or window
cleaner to wipe off remaining debris. Do not use any other
chemicals for cleaning.
LED..B..W Series Backlights
Original Document
115349 Rev. C
27 February 2014
115349


Similar Part No. - LEDIB70X70W

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
LEDIB70X70W BANNER-LEDIB70X70W Datasheet
159Kb / 3P
LED..B..W Series Backlights
More results

Similar Description - LEDIB70X70W

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MT8060N2 MARKTECH-MT8060N2 Datasheet
71Kb / 2P
Red Visible Emitter
MTE7710 MARKTECH-MTE7710 Datasheet
57Kb / 2P
Red Visible Emitter
MTE7710N MARKTECH-MTE7710N Datasheet
55Kb / 2P
Red Visible Emitter
MTE5063C5-UR MARKTECH-MTE5063C5-UR Datasheet
617Kb / 3P
Visible Red Emitter
MTE7000N2 MARKTECH-MTE7000N2 Datasheet
560Kb / 4P
Visible Red Emitter
MTE5063C5-UR MARKTECH-MTE5063C5-UR_15 Datasheet
617Kb / 3P
Visible Red Emitter
MTE5066C MARKTECH-MTE5066C_15 Datasheet
582Kb / 4P
Visible Red Emitter
MTE5066CJ MARKTECH-MTE5066CJ_15 Datasheet
554Kb / 4P
Visible Red Emitter
MTE6066N3-UR MARKTECH-MTE6066N3-UR_15 Datasheet
620Kb / 4P
Visible Red Emitter
MTE6800N2 MARKTECH-MTE6800N2_15 Datasheet
547Kb / 3P
Visible Red Emitter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com