Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MASWSS0199 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MASWSS0199
Description  GaAs SP3T 2.6 V CDMA-GPS Switch DC - 2.5 GHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASWSS0199 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MASWSS0199 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASWSS0199 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASWSS0199 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASWSS0199 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
GaAs SP3T 2.6 V CDMA-GPS Switch
DC - 2.5 GHz
Rev. V1
MASWSS0199
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
Unbalanced (asymmetric) RF Paths
Low Cross Modulation
Low Insertion Loss: 0.5 dB at 1.0 GHz
High Isolation: 20 dB at 2.0 GHz
0.5 micron GaAs PHEMT Process
Lead-Free 3 mm 12-lead PQFN Package
100% Matte Tin Plating over Copper
Halogen-Free “Green” Mold Compound
260°C Reflow Compatible
RoHS* Compliant Version of MASWSS0065
Description
M/A-COM’s MASWSS0199 is an industry leading
GaAs PHEMT MMIC single pole three throw (SP3T)
CDMA-GPS switch in a lead-free 3 mm 12-lead
PQFN package.
The MASWSS0199 is uniquely configured to enable
switching from a common antenna port to CDMA
cellular, CDMA PCS, or GPS ports. The design is
asymmetric and has been fully optimized for
excellent cross modulation performance in CELL
and PCS paths while still maintaining excellent
insertion loss and isolation.
The MASWSS0199 is fabricated using a 0.5 micron
gate length GaAs PHEMT process.
The process
features
full
passivation
for
performance
and
reliability.
Ordering Information
Part Number
Package
MASWSS0199TR-3000
3000 Piece Reel
MASWSS0199SMB
Sample Test Board
Note: Reference Application Note M513 for reel size
information.
Pin Configuration
Pin No.
Pin Name
Description
1
V1
Control 1
2
GPS
GPS Receive
3
GND
RF Ground
4
GND
RF Ground
5
PCS
PCS Transmit/Receive
6
V2
Control 2
7
GND
RF Ground
8
CELL
Cellular Transmit/Receive
9
V3
Control 3
10
GND
RF Ground
11
ANT
Antenna Port
12
GND
RF Ground
13
GND (paddle)
1
RF Ground
1.
The exposed pad centered on the package bottom must be
connected to RF and DC ground.
Functional Schematic
V3
CELL
39 pF
GND
GND
V1
GPS
39 pF
Pin 1
Pin 12
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.


Similar Part No. - MASWSS0199

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSS0199 MACOM-MASWSS0199 Datasheet
198Kb / 4P
GaAs SP3T 2.6 V CDMA-GPS Switch DC - 2.5 GHz
logo
M/A-COM Technology Solu...
MASWSS0199 MA-COM-MASWSS0199 Datasheet
83Kb / 4P
GaAs SP3T 2.6 V CDMA-GPS Switch DC - 2.5 GHz
logo
Tyco Electronics
MASWSS0199SMB MACOM-MASWSS0199SMB Datasheet
198Kb / 4P
GaAs SP3T 2.6 V CDMA-GPS Switch DC - 2.5 GHz
logo
M/A-COM Technology Solu...
MASWSS0199SMB MA-COM-MASWSS0199SMB Datasheet
83Kb / 4P
GaAs SP3T 2.6 V CDMA-GPS Switch DC - 2.5 GHz
MASWSS0199SMB MA-COM-MASWSS0199SMB Datasheet
610Kb / 5P
GaAs SP3T 2.6 V CDMA-GPS Switch
More results

Similar Description - MASWSS0199

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSS0060 MACOM-MASWSS0060 Datasheet
184Kb / 3P
GaAs SP3T 2.7 V CDMA-GPS Switch DC - 2.5 GHz
MASWSS0065 MACOM-MASWSS0065 Datasheet
194Kb / 4P
GaAs SP3T 2.6 V CDMA-GPS Switch DC - 2.5 GHz
MASWSS0199 MACOM-MASWSS0199 Datasheet
198Kb / 4P
GaAs SP3T 2.6 V CDMA-GPS Switch DC - 2.5 GHz
MASWSS0200 MACOM-MASWSS0200 Datasheet
187Kb / 3P
GaAs SP3T 2.7 V CDMA-GPS Switch DC - 2.5 GHz
logo
M/A-COM Technology Solu...
MASWSS0199 MA-COM-MASWSS0199 Datasheet
83Kb / 4P
GaAs SP3T 2.6 V CDMA-GPS Switch DC - 2.5 GHz
MASWSS0060 MA-COM-MASWSS0060 Datasheet
77Kb / 3P
GaAs SP3T 2.7 V CDMA-GPS Switch DC - 2.5 GHz
MASWSS0065 MA-COM-MASWSS0065 Datasheet
81Kb / 4P
GaAs SP3T 2.6 V CDMA-GPS Switch DC - 2.5 GHz
MASWSS0200 MA-COM-MASWSS0200 Datasheet
102Kb / 3P
GaAs SP3T 2.7 V CDMA-GPS Switch DC - 2.5 GHz
MASWSS0191 MA-COM-MASWSS0191_09 Datasheet
76Kb / 3P
GaAs SP3T 2.6 V CDMA-GPS Switch
MASWSS0199 MA-COM-MASWSS0199_15 Datasheet
610Kb / 5P
GaAs SP3T 2.6 V CDMA-GPS Switch
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com