Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC8178 Datasheet(PDF) 22 Page - California Eastern Labs

Part # PC8178
Description  SILICON MMIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PC8178 Datasheet(HTML) 22 Page - California Eastern Labs

Back Button PC8178 Datasheet HTML 18Page - California Eastern Labs PC8178 Datasheet HTML 19Page - California Eastern Labs PC8178 Datasheet HTML 20Page - California Eastern Labs PC8178 Datasheet HTML 21Page - California Eastern Labs PC8178 Datasheet HTML 22Page - California Eastern Labs PC8178 Datasheet HTML 23Page - California Eastern Labs PC8178 Datasheet HTML 24Page - California Eastern Labs PC8178 Datasheet HTML 25Page - California Eastern Labs PC8178 Datasheet HTML 26Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 27 page
background image
20
10
0
–30
–40
–50
–60
–70
–80
–10
–20
20
10
0
–30
–40
–50
–60
–70
–80
–10
–20
20
10
0
–30
–40
–50
–60
–70
–80
–10
–20
–30
0
–10
–20
–30
0
–10
–20
–30
0
–10
–20
Pout (undes)
Pout (des)
IM3 (des)
IM3 (undes)
OIP3 = 2.1 dBm
OIP3 = 1.1 dBm
IM3 (des)
IM3 (undes)
Pout (undes)
Pout (des)
IM3 (des)
IM3 (undes)
Pout (undes)
Pout (des)
OIP3 = 2.2 dBm
6.5
6
5.5
5
4.5
4
2
2.5
3
3.5
4
+25
°C
TA = +85
°C
–40
°C
f = 2.4 GHz
VCC = 3.0 V
f1 = 2 400 MHz
f2 = 2 401 MHz
VCC = 3.0 V
TA = –40
°C
f1 = 2 400 MHz
f2 = 2 401 MHz
VCC = 3.0 V
TA = +85
°C
f1 = 2 400 MHz
f2 = 2 401 MHz
OUTPUT POWER, IM3 vs. INPUT POWER
Input Power Pin (dBm)
OUTPUT POWER, IM3 vs. INPUT POWER
Input Power Pin (dBm)
OUTPUT POWER, IM3 vs. INPUT POWER
Input Power Pin (dBm)
3RD ORDER INTERMODULATION DISTORTION
vs. OUTPUT POWER OF EACH TONE
Output Power of Each Tone Pout (each) (dBm)
NOISE FIGURE vs. SUPPLY VOLTAGE
Supply Voltage VCC (V)
0
–10
–15
–5
–20
–25
0
5
10
15
20
25
30
40
45
50
35
2.4 V
2.7 V
VCC = 3.0 V
3.3 V
f1 = 2 400 MHz
f2 = 2 401 MHz
Remark The graphs indicate nominal characteristics.
Data Sheet PU10063EJ02V0DS
22
µPC8178TK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com