Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HSP061-2P6 Datasheet(PDF) 11 Page - STMicroelectronics

Part # HSP061-2P6
Description  2-line ESD protection for high speed lines
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HSP061-2P6 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button HSP061-2P6 Datasheet HTML 4Page - STMicroelectronics HSP061-2P6 Datasheet HTML 5Page - STMicroelectronics HSP061-2P6 Datasheet HTML 6Page - STMicroelectronics HSP061-2P6 Datasheet HTML 7Page - STMicroelectronics HSP061-2P6 Datasheet HTML 8Page - STMicroelectronics HSP061-2P6 Datasheet HTML 9Page - STMicroelectronics HSP061-2P6 Datasheet HTML 10Page - STMicroelectronics HSP061-2P6 Datasheet HTML 11Page - STMicroelectronics HSP061-2P6 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
DocID022777 Rev 2
11/12
HSP061-2
Ordering information
12
5
Ordering information
6
Revision history
Table 6.
Ordering information
Order code
Marking
Package
Weight
Base qty
Delivery mode
HSP061-2P6
R
SOT-666
2.85 mg
3000
Tape and reel (7”)
HSP061-2M6
T(1)
1.
The marking can be rotated by multiple of 90° to differentiate assembly location
µQFN-6L
2.3 mg
3000
Tape and reel (7”)
HSP061-2N4
1(1)
µQFN-4L
1.17 mg
10000
Tape and reel (7”)
Table 7. Document revision history
Date
Revision
Changes
07-Feb-2012
1
Initial release.
19-Mar-2014
2
Minor text changes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com