Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MICRF219AAYQS Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # MICRF219AAYQS
Description  ASK/OOK Receiver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF219AAYQS Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button MICRF219AAYQS Datasheet HTML 5Page - Micrel Semiconductor MICRF219AAYQS Datasheet HTML 6Page - Micrel Semiconductor MICRF219AAYQS Datasheet HTML 7Page - Micrel Semiconductor MICRF219AAYQS Datasheet HTML 8Page - Micrel Semiconductor MICRF219AAYQS Datasheet HTML 9Page - Micrel Semiconductor MICRF219AAYQS Datasheet HTML 10Page - Micrel Semiconductor MICRF219AAYQS Datasheet HTML 11Page - Micrel Semiconductor MICRF219AAYQS Datasheet HTML 12Page - Micrel Semiconductor MICRF219AAYQS Datasheet HTML 13Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
Micrel, Inc.
MICRF219A
July 2011
9
M9999-071811-A
RadioTech@micrel.com
Functional Description
The simplified block diagram (Figure 1) illustrates the
basic structure of the MICRF219A receiver. It is made up
of four sub-blocks:
•
UHF Down-Converter
•
ASK/OOK Demodulator
•
Reference and Control logic
•
Auto-poll circuitry
Outside the device, the MICRF219A receiver requires
just a few components to operate: a capacitor from
CAGC to GND, a capacitor from CTH to GND, a
reference crystal resonator with associated loading
capacitors, LNA input matching components, and a
power-supply decoupling capacitor.
Receiver Operation
UHF Downconverter
The UHF down-converter has six sub-blocks: LNA,
mixers, synthesizer, image reject filter, band pass filter
and IF amplifier.
LNA
The RF input signal is AC-coupled into the gate of the
LNA input device. The LNA configuration is a cascoded
common source NMOS amplifier. The amplified RF
signal is then fed to the RF ports of two double balanced
mixers.
Mixers and Synthesizer
The LO ports of the mixers are driven by quadrature
local oscillator outputs from the synthesizer block. The
local oscillator signal from the synthesizer is placed on
the low side of the desired RF signal (Figure 2). The
product of the incoming RF signal and local oscillator
signal will yield the IF frequency, which will be
demodulated by the detector of the device. The image
reject mixer suppresses the image frequency which is
below the wanted signal by 2x the IF frequency. The
local oscillator frequency (fLO) is set to 32x the crystal
reference frequency (fREF) via a phase-locked loop
synthesizer with a fully-integrated loop filter:
fLO = 32 x fREF
Eq. 1
MICRF219A uses an IF frequency scheme that scales
the IF frequency (fIF) with fREF according to:
fIF = fREF x
1000
87
Eq. 2
Therefore, the reference frequency fREF needed for a
given desired RF frequency (fRF) is approximately:
fREF = fRF / (32 +
1000
87
)
Eq. 3
Figure 2. Low-Side Injection Local Oscillator
Image-Reject Filter and Band-Pass Filter
The IF ports of the mixer produce quadrature-down
converted IF signals. These IF signals are low-pass
filtered to remove higher frequency products prior to the
image reject filter where they are combined to reject the
image frequency. The IF signal then passes through a
third order band pass filter. The IF bandwidth is 330kHz
@ 433.92MHz, and will scale with RF operating
frequency according to:
BWIF = BWIF@433.92 MHz ×
⎟
⎠
⎞
⎜
⎝
⎛
433.92
(MHz)
Freq
Operating
Eq. 4
These filters are fully integrated inside the MICRF219A.
After filtering, four active gain controlled amplifier stages
enhance the IF signal to its proper level for
demodulation.
ASK/OOK Demodulator
The demodulator section is comprised of detector,
programmable low pass filter, slicer, and AGC
comparator.
or (408) 944-0800



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com