Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MASW6030G Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MASW6030G
Description  GaAs DPDT Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASW6030G Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MASW6030G Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASW6030G Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASW6030G Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASW6030G Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
3
GaAs DPDT Switch
DC - 6.0 GHz
Rev. V3
MASW6030G
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
20
30
40
50
60
70
80
01
23
45
67
Frequency (GHz)
Isolation @ 25°C
1.0
1.2
1.4
1.6
1.8
2.0
01
23
45
67
Frequency (GHz)
VSWR @ 25°C
Handling Precautions
Permanent damage to the MASW6030G may
occur if the following precautions are not adhered
to:
A. Cleaniness - MASW6030G should be handled
in a clean environment.
DO NOT attempt to
clean unit after the MASW6030G is installed.
B. Static Sensitivity—All chip handling equipment
and personnel should be DC grounded.
C. Transient - Avoid instrument and power supply
transients
while
bias
is
applied
to
the
MASW6030G.
Use shielded signal and bias
cables to minimize inductive pick-up.
D. Bias
-
Apply
voltage
to
either
of
the
complementary control ports only when the
other is grounded. No port should be allowed to
“float”.
E.
General Handling - It is recommended that the
MASW6030G chip be handled along the long
side of the die with a sharp pair of bent
tweezers.
DO NOT touch the surface of the
chip with fingers or tweezers.
Typical Performance
0.0
0.5
1.0
1.5
2.0
01
23
45
67
Insertion Loss +30°C
Insertion Loss -55°C
Insertion Loss +85°C
Frequency (GHz)
Insertion Loss
Wire Bonding
A. Ball or wedge with 1.0 mil diameter pure gold
wire. Thermosonic wirebonding with a nominal
stage temperature of 150°C and a ball bonding
force of 40 to 50 grams or wedge bonding force
o1 18 to 22 grams is recommended. Ultrasonic
energy and time should be adjusted to the
minimum levels achieve reliable wirebonds.
B. Wirebonds should be started on the chip and
terminated on the package.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com