Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MILF60WCWN0 Datasheet(PDF) 1 Page - PARA LIGHT ELECTRONICS CO., LTD.

Part # MILF60WCWN0
Description  60W High Bay Light
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PARALIGHT [PARA LIGHT ELECTRONICS CO., LTD.]
Direct Link  http://www.para.com.tw
Logo PARALIGHT - PARA LIGHT ELECTRONICS CO., LTD.

MILF60WCWN0 Datasheet(HTML) 1 Page - PARA LIGHT ELECTRONICS CO., LTD.

  MILF60WCWN0 Datasheet HTML 1Page - PARA LIGHT ELECTRONICS CO., LTD. MILF60WCWN0 Datasheet HTML 2Page - PARA LIGHT ELECTRONICS CO., LTD. MILF60WCWN0 Datasheet HTML 3Page - PARA LIGHT ELECTRONICS CO., LTD. MILF60WCWN0 Datasheet HTML 4Page - PARA LIGHT ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PARA
LIGHT
ELECTRONICS
CO., LTD
Tel:886-2-2225-3733
Fax:886-2-2225-4800
Mail:para@para.com.tw
Website:http://www.para.com.tw
60W High Bay Light
Product Data Sheet
Model Number : MILF60WCWN0
Rev.: A /0
Producer:
ZhuangWei
Auditing:
ShenYongJie
Approval:
DRAWING NO. : DS-80-13-XXXX
DATE : 2013-10-10
Page : 1
Release
by
PARA LIGHT DCC


Similar Part No. - MILF60WCWN0

ManufacturerPart #DatasheetDescription
logo
PARA LIGHT ELECTRONICS ...
MILF150WCWC1-U PARALIGHT-MILF150WCWC1-U Datasheet
287Kb / 6P
150W High Bay Light
MILF200WCWC1-U PARALIGHT-MILF200WCWC1-U Datasheet
273Kb / 6P
200W High Bay Light
MILF200WCWC1-U-F PARALIGHT-MILF200WCWC1-U-F Datasheet
274Kb / 6P
200W High Bay Light
More results

Similar Description - MILF60WCWN0

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
HBGCMP-70C DIALIGHT-HBGCMP-70C Datasheet
303Kb / 2P
DuroSite짰 LED High Bay
logo
Cree, Inc
C12345-HB-5X1 CREE-C12345-HB-5X1 Datasheet
295Kb / 5P
High Bay series
C12361-HB-2X2 CREE-C12361-HB-2X2 Datasheet
294Kb / 5P
High Bay series
logo
PARA LIGHT ELECTRONICS ...
MILF150WCWC1-U PARALIGHT-MILF150WCWC1-U Datasheet
287Kb / 6P
150W High Bay Light
MILF200WCWC1-U PARALIGHT-MILF200WCWC1-U Datasheet
273Kb / 6P
200W High Bay Light
MILF200WCWC1-U-F PARALIGHT-MILF200WCWC1-U-F Datasheet
274Kb / 6P
200W High Bay Light
logo
Molex Electronics Ltd.
34787-3004 MOLEX11-34787-3004 Datasheet
49Kb / 2P
HS Stac??Right Angle 3 Bay Header Assembly, Bay 1 - High Speed, Polarization D, Bay 2 - High Speed, Polarization A, Bay 3 - High Speed, Polarization E
logo
List of Unclassifed Man...
HBX-110-6500 ETC2-HBX-110-6500 Datasheet
472Kb / 9P
LED High Bay Lamp
logo
Ledil, Inc.
CN13990 LEDIL-CN13990 Datasheet
6Mb / 14P
~60째 high bay beam
logo
ETA-USA
MDL-SX-W ETA-USA-MDL-SX-W Datasheet
3Mb / 3P
60W High Reliability
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com