Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PLP1S-M Datasheet(PDF) 1 Page - PANDUIT CORP.

Part # PLP1S-M
Description  Natural nylon material for indoor use
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

PLP1S-M Datasheet(HTML) 1 Page - PANDUIT CORP.

  PLP1S-M Datasheet HTML 1Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
For technical assistance in the U.S., call 866-405-6654 (outside the U.S., see inside back cover for directory)
ELECTRICAL SOLUTIONS
B1.33
B2.
Cable
Accessories
C1.
Wiring
Duct
C3.
Abrasion
Protection
C4.
Cable
Management
D1.
Terminals
D2.
Power
Connectors
E1.
Labeling
Systems
E2.
Labels
E3.
Pre-Printed
& Write-On
Markers
F.
Index
B3.
Stainless
Steel Ties
C2.
Surface
Raceway
E5.
Lockout/
Tagout
& Safety
Solutions
B1.
Cable Ties
A.
System
Overview
D3.
Grounding
Connectors
E4.
Permanent
Identification
• Natural nylon material for indoor use
• Weather resistant material has greater resistance to damage
caused by ultraviolet light – indoor or outdoor use
• Heat stabilized material for high temperature applications
up to 239°F (115°C) – indoor use
Wingless design allows tie to be used in confined spaces
• Cable tie, mount, and fastener in a single part
• Economical push mount ties are used to attach bundles to another
surface such as a flat panel
• Anchor is easily pressed into a pre-formed hole and locks in place
• Curved tip is easy to pick up from flat surfaces and allows faster
initial threading to speed installation
Pan-Ty ® Push Mount Ties
PLP2S-C
PLP2S-M0
PLP1.5I
Head Design
Weather Resistant Nylon 6.6
Intermediate Cross Section
PLP1.5I-M0
6.1
156
.135
3.4
.045
1.1
.187
4.7
.093
2.4
1.25
32
40
178
GTS, GTSL,
GS2B, PTS,
PPTS, STS2
1000
25000
Standard Cross Section
PLP1S-M0
5.3
135
.180
4.6
.050
1.3
.250
6.4
.125
3.2
1.00
25
50
222
GTS, GTSL,
GS2B, GTH,
GS4H, PTS,
PTH, PPTS,
STS2, STH2
1000
10000
PLP2S-M0
7.9
200
.180
4.6
.050
1.3
.250
6.4
.125
3.2
1.75
45
50
222
1000
10000
Heat Stabilized Nylon 6.6
Intermediate Cross Section
PLP1.5I-M30
6.1
156
.135
3.4
.045
1.1
.187
4.7
.093
2.4
1.25
32
40
178
GTS, GTSL,
GS2B, PTS,
PPTS, STS2
1000
25000
Standard Cross Section
PLP1S-M30
5.3
135
.180
4.6
.050
1.3
.250
6.4
.125
3.2
1.00
25
50
222
GTS, GTSL,
GS2B, GTH,
GS4H, PTS,
PTH, PPTS,
STS2, STH2
1000
10000
PLP2S-M30
7.9
200
.180
4.6
.050
1.3
.250
6.4
.125
3.2
1.75
45
50
222
1000
10000
Part Number
Length
Width
Thickness
Nominal
Hole
Dia.
Max.
Panel
Thickness
Max.
Bundle
Dia.
Min.
Loop
Tensile Str.
Recommended
Installation
Tool
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
In.
mm
In.
mm
In.
mm
In.
mm
In.
mm
In.
mm
Lbs.
N
Nylon 6.6
Intermediate Cross Section
PLP1.5I-C
6.1
156
.135
3.4
.045
1.1
.187
4.7
.093
2.4
1.25
32
40
178
GTS, GTSL,
GS2B, PTS,
PPTS, STS2
100
1000
Standard Cross Section
PLP1S-M
5.3
135
.180
4.6
.050
1.3
.250
6.4
.125
3.2
1.00
25
50
222
GTS, GTSL,
GS2B, GTH,
GS4H, PTS,
PTH, PPTS,
STS2, STH2
1000
10000
PLP1.5S-M
6.7
170
.180
4.6
.050
1.3
.250
6.4
.125
3.2
1.50
38
50
222
1000
10000
PLP2S-C
7.9
200
.180
4.6
.050
1.3
.250
6.4
.125
3.2
1.75
45
50
222
100
1000


Similar Part No. - PLP1S-M

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
PLP1S-M PANDUIT-PLP1S-M Datasheet
235Kb / 5P
Pan-Ty® Marker and Flag Ties
More results

Similar Description - PLP1S-M

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LT1451ED SHARP-LT1451ED Datasheet
208Kb / 2P
Dot Matrix LED Unit for Indoor Use (Chip On Board Type)
LT1455M SHARP-LT1455M Datasheet
215Kb / 2P
Dot Matrix LED Unit for Indoor/Outdoor Use(Lamp Type)
LT1465M SHARP-LT1465M Datasheet
248Kb / 2P
Dot Matrix LED Unit for Indoor Use(Lamp Type)
LT1550ED SHARP-LT1550ED Datasheet
247Kb / 2P
Dot Matrix LED Unit for Indoor Use (Chip Type)
LT1560ED SHARP-LT1560ED Datasheet
208Kb / 2P
Dot Matrix LED Unit for Indoor Use (Chip Type)
LT9525D SHARP-LT9525D Datasheet
97Kb / 4P
첩20mm, Dome Type, Colored Diffusion, Large LED Lamps for Indoor Use
logo
Vishay Siliconix
PHMKDG VISHAY-PHMKDG Datasheet
255Kb / 3P
ESTAdry D-Type Capacitor For Indoor Use
13-Nov-07
logo
Molex Electronics Ltd.
35312-1360 MOLEX11-35312-1360 Datasheet
41Kb / 2P
(Nylon) 6/6, Glass-filled, Natural, Lead-Free Polyamide (Nylon) 6/6, Glass-filled, Natural, Lead-Free
logo
List of Unclassifed Man...
5501G1 ETC2-5501G1 Datasheet
102Kb / 3P
Water-Blocked for Indoor/Outdoor Use
logo
OEN India Limited
04-PMW9 OENINDIA-04-PMW9 Datasheet
48Kb / 1P
Natural Nylon Wing Push Mounts
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com