Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EL7564CRE Datasheet(PDF) 4 Page - Elantec Semiconductor

Part # EL7564CRE
Description  Monolithic 4 Amp DC:DC Step-down Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL7564CRE Datasheet(HTML) 4 Page - Elantec Semiconductor

  EL7564CRE Datasheet HTML 1Page - Elantec Semiconductor EL7564CRE Datasheet HTML 2Page - Elantec Semiconductor EL7564CRE Datasheet HTML 3Page - Elantec Semiconductor EL7564CRE Datasheet HTML 4Page - Elantec Semiconductor EL7564CRE Datasheet HTML 5Page - Elantec Semiconductor EL7564CRE Datasheet HTML 6Page - Elantec Semiconductor EL7564CRE Datasheet HTML 7Page - Elantec Semiconductor EL7564CRE Datasheet HTML 8Page - Elantec Semiconductor EL7564CRE Datasheet HTML 9Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
4
EL7564C
Monolithic 4 Amp DC:DC Step-down Regulator
Pin Descriptions
Pin Number
Pin Name
Pin Function
1
VREF
Bandgap reference bypass capacitor; typically 0.1µF to SGND
2
SGND
Control circuit negative supply or signal ground
3
COSC
Oscillator timing capacitor (see performance curves)
4
VDD
Control circuit positive supply; normally connected to VIN through an RC filter
5
VTJ
Junction temperature monitor; connected with 2.2nF to 3.3nF to SGND
6
PGND
Ground return of the regulator; connected to the source of the low-side synchronous NMOS power FET
7
PGND
Ground return of the regulator; connected to the source of the low-side synchronous NMOS power FET
8
VIN
Power supply input of the regulator; connected to the drain of the high-side NMOS power FET
9
STP
Auxilliary supply tracking positive input; tied to regulator output to synchronize start up with a second supply; leave open
for stand alone operation; 2µA internal pull down current
10
STN
Auxilliary supply tracking negative input; connect to output of a second supply to synchronize start up; leave open for
stand alone operation; 2µA internal pull up current
11
PGND
Ground return of the regulator; connected to the source of the low-side synchronous NMOS power FET
12
PGND
Ground return of the regulator; connected to the source of the low-side synchronous NMOS power FET
13
PGND
Ground return of the regulator; connected to the source of the low-side synchronous NMOS power FET
14
LX
Inductor drive pin; high current output whose average voltage equals the regulator output voltage
15
LX
Inductor drive pin; high current output whose average voltage equals the regulator output voltage
16
VHI
Positive supply of high-side driver; boot strapped from VDRV to LX with an external 0.22µF capacitor
17
VDRV
Positive supply of low-side driver and input voltage for high side boot strap
18
PG
Power good window comparator output; logic 1 when regulator output is within ±10% of target output voltage
19
FB
Voltage feedback input; connected to external resistor divider between VOUT and SGND; a 125nA pull-up current forces
VOUT to SGND in the event that FB is floating
20
EN
Chip enable, active high; a 2µA internal pull up current enables the device if the pin is left open; a capacitor can be added
at this pin to delay the start of converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com